Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC817-16 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce BC817-16
Description  NPN Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817-16 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  BC817-16 Datasheet HTML 1Page - Infineon Technologies AG BC817-16 Datasheet HTML 2Page - Infineon Technologies AG BC817-16 Datasheet HTML 3Page - Infineon Technologies AG BC817-16 Datasheet HTML 4Page - Infineon Technologies AG BC817-16 Datasheet HTML 5Page - Infineon Technologies AG BC817-16 Datasheet HTML 6Page - Infineon Technologies AG BC817-16 Datasheet HTML 7Page - Infineon Technologies AG BC817-16 Datasheet HTML 8Page - Infineon Technologies AG BC817-16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2008-04-11
3
BC817.../BC818...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0 , BC817...
IC = 10 mA, IB = 0 , BC818...
V(BR)CEO
45
25
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0 , BC817...
IC = 10 µA, IE = 0 , BC818...
V(BR)CBO
50
30
-
-
-
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
V
Collector-base cutoff current
VCB = 25 V, IE = 0
VCB = 25 V, IE = 0 , TA = 150 °C
ICBO
-
-
-
-
0.1
50
µA
Emitter-base cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain1)
IC = 100 mA, VCE = 1 V, hFE-grp.16
IC = 100 mA, VCE = 1 V, hFE-grp.25
IC = 100 mA, VCE = 1 V, hFE-grp.40
IC = 300 mA, VCE = 1 V, hFE-grp.162)
IC = 300 mA, VCE = 1 V, hFE-grp.252)
IC = 300 mA, VCE = 1 V, hFE-grp.402)
IC = 500 mA, VCE = 1 V, all hFE-grps.3)
hFE
100
160
250
60
100
170
40
160
250
350
-
-
-
-
250
400
630
-
-
-
-
-
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
-
-
0.7
V
Base emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VBEsat
-
-
1.2
1Pulse test: t < 300µs; D < 2%
2For all BC817 and BC818 subtypes
3For all BC817K and BC818K subtypes


Numéro de pièce similaire - BC817-16

FabricantNo de pièceFiches techniqueDescription
logo
Yea Shin Technology Co....
BC817-16 YEASHIN-BC817-16 Datasheet
629Kb / 3P
   General Purpose Transistors
logo
NXP Semiconductors
BC817-16 PHILIPS-BC817-16 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Pan Jit International I...
BC817-16 PANJIT-BC817-16 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Goodwork Semiconductor ...
BC817-16 GWSEMI-BC817-16 Datasheet
276Kb / 3P
   NPN Silicon Epitaxial Planar Transistors
logo
SHENZHEN YONGERJIA INDU...
BC817-16 WINNERJOIN-BC817-16 Datasheet
225Kb / 2P
   NPN EPTTAXIAL SILICON TRANSISTOR
More results

Description similaire - BC817-16

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com