Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93-22SURSYGC-S530-A3-TR8 Fiches technique(PDF) 4 Page - Everlight Electronics Co., Ltd

No de pièce 93-22SURSYGC-S530-A3-TR8
Description  High Performance SMD LED with Reflector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-22SURSYGC-S530-A3-TR8 Fiches technique(HTML) 4 Page - Everlight Electronics Co., Ltd

  93-22SURSYGC-S530-A3-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 93-22SURSYGC-S530-A3-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-22SURSYGC-S530-A3-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-22SURSYGC-S530-A3-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-22SURSYGC-S530-A3-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-22SURSYGC-S530-A3-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-22SURSYGC-S530-A3-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-22SURSYGC-S530-A3-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-22SURSYGC-S530-A3-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
High Performance SMD LED with Reflector
93-22SURSYGC/S530-A3/TR8
Everlight Electronics Co., Ltd
http://www.everlight.com
Rev. 1
Page: 4 of 11
Device No.: DSE-0000403
Prepared date: 20-Nov-2007
Prepared by: Josh Chou
Electro-Optical Characteristics @ Ta=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
SUR
17
41
-----
Luminous Intensity
IV
SYG
11
17
-----
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
130
-----
deg
IF=20mA
SUR
-----
632
-----
Peak Wavelength
λ
p
SYG
-----
575
-----
nm
IF=20mA
SUR
-----
624
-----
Dominant Wavelength
λ
d
SYG
-----
573
-----
nm
IF=20mA
SUR
-----
20
-----
Spectrum Radiation
Bandwidth
△λ
SYG
-----
20
-----
nm
IF=20mA
SUR
-----
2.0
2.4
Forward Voltage
VF
SYG
-----
2.0
2.4
V
IF=20mA
Reverse Current
IR
-----
-----
10
μ
A
VR=5V


Numéro de pièce similaire - 93-22SURSYGC-S530-A3-TR8

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results

Description similaire - 93-22SURSYGC-S530-A3-TR8

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com