Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK4048 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce STK4048
Description  150 W min AF Power Amplifier (Split Power Supply)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4048 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  STK4048 Datasheet HTML 1Page - Sanyo Semicon Device STK4048 Datasheet HTML 2Page - Sanyo Semicon Device STK4048 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Hybrid IC
Ordering number : EN4593A
61096HA (OT)/O2093YO (OT) No. 4593-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
150 W min AF Power Amplifier
(Split Power Supply)
STK4048V
Features
• Compact packaging supports slimmer set designs
• Series designed from 20 up to 100 W (200 W) and pin-
compatibility (120 to 200 W have 18 pins)
• Simpler heat sink design facilitates thermal design of
slim stereo sets
• Current mirror circuit application reduce distortion to
0.08 %
• Supports addition of electronic circuits for thermal
shutdown and load-short protection circuit as well as
pop noise muting which occurs when the power supply
switch is turned on and off.
Package Dimensions
unit: mm
4051A
Specifications
Maximum Ratings at Ta = 25°C
Recommended Operational Conditions at Ta = 25°C
Parameter
Symbol
Condition
Rating
Unit
Maximum supply voltage
VCC max
±87
V
Thermal resistance
θj-c
1.2
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature
Tstg
–30 to +125
°C
Parameter
Symbol
Condition
Rating
Unit
Recommended supply voltage
VCC
±60
V
Load resistance
RL
8
[STK4048V]


Numéro de pièce similaire - STK4048

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK4048 SANYO-STK4048 Datasheet
66Kb / 3P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.4%)
STK4048 SANYO-STK4048 Datasheet
192Kb / 8P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.008%)?
STK4048II SANYO-STK4048II Datasheet
66Kb / 3P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.4%)
logo
List of Unclassifed Man...
STK4048II ETC1-STK4048II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
STK4048V ETC1-STK4048V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

Description similaire - STK4048

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK4048XI SANYO-STK4048XI Datasheet
192Kb / 8P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.008%)?
STK4048II SANYO-STK4048II Datasheet
66Kb / 3P
   AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.4%)
STK4036X SANYO-STK4036X Datasheet
132Kb / 5P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.008%)?
STK4044V SANYO-STK4044V Datasheet
254Kb / 7P
   AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.08%)?
STK4036V SANYO-STK4036V Datasheet
266Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W min, THD = 0.08%)?
STK4040II SANYO-STK4040II Datasheet
94Kb / 4P
   70W min AF Power Amplifier (Split Power Supply)
STK4034X SANYO-STK4034X Datasheet
45Kb / 3P
   AF Power Amplifier (Split Power Supply) (45 W min, THD = 0.008%)
STK4038II SANYO-STK4038II Datasheet
47Kb / 3P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.4%)?
STK4046V SANYO-STK4046V Datasheet
50Kb / 3P
   AF Power Amplifier (Split Power Supply) (120 W min, THD = 0.08%)
STK4050V SANYO-STK4050V Datasheet
51Kb / 3P
   AF Power Amplifier (Split Power Supply) (200 W min, THD = 0.08%)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com