Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL21W02-L Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TL21W02-L
Description  LED lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL21W02-L Fiches technique(HTML) 7 Page - Toshiba Semiconductor

  TL21W02-L Datasheet HTML 1Page - Toshiba Semiconductor TL21W02-L Datasheet HTML 2Page - Toshiba Semiconductor TL21W02-L Datasheet HTML 3Page - Toshiba Semiconductor TL21W02-L Datasheet HTML 4Page - Toshiba Semiconductor TL21W02-L Datasheet HTML 5Page - Toshiba Semiconductor TL21W02-L Datasheet HTML 6Page - Toshiba Semiconductor TL21W02-L Datasheet HTML 7Page - Toshiba Semiconductor TL21W02-L Datasheet HTML 8Page - Toshiba Semiconductor TL21W02-L Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TL21W02-L(T34
2011-04-07
7
WL-0748
TENTATIVE
3.
Reel dimensions
Unit: mm
4.
Leader and trailer sections of tape
9
+1/−0
11.4
± 1.0
2
± 0.5
φ44
Leading part: 190 mm (min)
40 mm or more
40 mm or more


Numéro de pièce similaire - TL21W02-L

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TL21W02-L1 TOSHIBA-TL21W02-L1 Datasheet
258Kb / 9P
   LED lamps
TL21W02-L1T34 TOSHIBA-TL21W02-L1T34 Datasheet
258Kb / 9P
   LED lamps
TL21W02-LL1 TOSHIBA-TL21W02-LL1 Datasheet
256Kb / 9P
   LED lamps
TL21W02-LL1T34 TOSHIBA-TL21W02-LL1T34 Datasheet
256Kb / 9P
   LED lamps
More results

Description similaire - TL21W02-L

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com