Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK400-080 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce STK400-080
Description  2-Channel, 60W min AF Power Amplifier (Split Power Supply)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-080 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  STK400-080 Datasheet HTML 1Page - Sanyo Semicon Device STK400-080 Datasheet HTML 2Page - Sanyo Semicon Device STK400-080 Datasheet HTML 3Page - Sanyo Semicon Device STK400-080 Datasheet HTML 4Page - Sanyo Semicon Device STK400-080 Datasheet HTML 5Page - Sanyo Semicon Device STK400-080 Datasheet HTML 6Page - Sanyo Semicon Device STK400-080 Datasheet HTML 7Page - Sanyo Semicon Device STK400-080 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image


Numéro de pièce similaire - STK400-080

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK400-080 SANYO-STK400-080 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-080 SANYO-STK400-080 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK400-080 SANYO-STK400-080 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK400-080 SANYO-STK400-080 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-080 SANYO-STK400-080 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
More results

Description similaire - STK400-080

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK4201V SANYO-STK4201V Datasheet
147Kb / 3P
   AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.08%)
STK4201II SANYO-STK4201II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.4%)?
STK405-100 SANYO-STK405-100 Datasheet
87Kb / 4P
   2ch AF Power Amplifier (Split Power Supply) 60W 60W min, THD =10%????????????
STK4211V SANYO-STK4211V Datasheet
58Kb / 3P
   2-Channel 70 W min AF Power Amplifier (Split Power Supply)
STK4221V SANYO-STK4221V Datasheet
58Kb / 3P
   2-Channel 80 W min AF Power Amplifier (Split Power Supply)
STK4040II SANYO-STK4040II Datasheet
94Kb / 4P
   70W min AF Power Amplifier (Split Power Supply)
STK4048V SANYO-STK4048V Datasheet
54Kb / 3P
   150 W min AF Power Amplifier (Split Power Supply)
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com