Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA208S-800B Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BTA208S-800B
Description  3Q Hi-Com Triac Triggering in three quadrants only
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208S-800B Fiches technique(HTML) 4 Page - NXP Semiconductors

  BTA208S-800B_11 Datasheet HTML 1Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 2Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 3Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 4Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 5Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 6Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 7Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 8Page - NXP Semiconductors BTA208S-800B_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BTA208S-800B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 03 — 14 April 2011
4 of 14
NXP Semiconductors
BTA208S-800B
3Q Hi-com Triac
Fig 4.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values
Fig 5.
Non-repetitive peak on-state current as a function of pulse width; maximum values
003aaa968
40
20
60
80
ITSM
0
number of cycles
1
103
102
10
(A)
ITSM
t
IT
Tj(init) = 25 °C max
T
003aab121
tp (ms)
10−2
102
10
10−1
1
102
103
ITSM
(A)
10
(1)
ITSM
t
IT
Tj(init) = 25 °C max
tp


Numéro de pièce similaire - BTA208S-800B_11

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA208S-800B PHILIPS-BTA208S-800B Datasheet
49Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208S-800B NXP-BTA208S-800B Datasheet
86Kb / 13P
   Three-quadrant triacs high commutation
Rev. 02-31 May 2005
BTA208S-800B PHILIPS-BTA208S-800B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
Inchange Semiconductor ...
BTA208S-800B ISC-BTA208S-800B Datasheet
174Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BTA208S-800B WEEN-BTA208S-800B Datasheet
267Kb / 13P
   3Q Hi-com Triac
More results

Description similaire - BTA208S-800B_11

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA312-800ET NXP-BTA312-800ET_10 Datasheet
169Kb / 14P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 02-2 December 2010
BTA208S-600F NXP-BTA208S-600F Datasheet
164Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 5-13 April 2011
BTA208S-600B NXP-BTA208S-600B_11 Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com