Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1213S080HN Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce ADC1213S080HN
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213S080HN Fiches technique(HTML) 4 Page - NXP Semiconductors

  ADC1213S080HN Datasheet HTML 1Page - NXP Semiconductors ADC1213S080HN Datasheet HTML 2Page - NXP Semiconductors ADC1213S080HN Datasheet HTML 3Page - NXP Semiconductors ADC1213S080HN Datasheet HTML 4Page - NXP Semiconductors ADC1213S080HN Datasheet HTML 5Page - NXP Semiconductors ADC1213S080HN Datasheet HTML 6Page - NXP Semiconductors ADC1213S080HN Datasheet HTML 7Page - NXP Semiconductors ADC1213S080HN Datasheet HTML 8Page - NXP Semiconductors ADC1213S080HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADC1213S_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 14 March 2011
4 of 39
NXP Semiconductors
ADC1213S series
Single 12-bit ADC; serial JESD204A interface
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pinning diagram
001aam778
ADC1213S
Transparent top view
24
23
22
21
20
19
18
17
terminal 1
index area
n.c.
CMLP
CMLN
VDDD
DGND
DGND
VDDD
DGND
1
2
3
4
5
6
7
8
CLKP
VCM
REFT
REFB
AGND
INP
INM
CLKM
Table 2.
Pin description
Symbol
Pin
Type [1]
Description
CLKP
1
I
clock input
CLKM
2
I
complementary clock input
AGND
3
G
analog ground
REFB
4
O
ADC bottom reference
REFT
5
O
ADC top reference
VCM
6
O
ADC output common voltage
INM
7
I
ADC complementary analog input
INP
8
I
ADC analog input
VDDA
9
P
analog power supply 3 V
VDDA
10
P
analog power supply 3 V
SCLK
11
I
SPI clock
SDIO
12
I/O
SPI data input/output


Numéro de pièce similaire - ADC1213S080HN

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1213S080HN NXP-ADC1213S080HN Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Integrated Device Techn...
ADC1213S080HN-C1 IDT-ADC1213S080HN-C1 Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Description similaire - ADC1213S080HN

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com