Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1113S125 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce ADC1113S125
Description  Single 11-bit ADC; serial JESD204A interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1113S125 Fiches technique(HTML) 5 Page - NXP Semiconductors

  ADC1113S125 Datasheet HTML 1Page - NXP Semiconductors ADC1113S125 Datasheet HTML 2Page - NXP Semiconductors ADC1113S125 Datasheet HTML 3Page - NXP Semiconductors ADC1113S125 Datasheet HTML 4Page - NXP Semiconductors ADC1113S125 Datasheet HTML 5Page - NXP Semiconductors ADC1113S125 Datasheet HTML 6Page - NXP Semiconductors ADC1113S125 Datasheet HTML 7Page - NXP Semiconductors ADC1113S125 Datasheet HTML 8Page - NXP Semiconductors ADC1113S125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ADC1113S125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 15 March 2011
5 of 38
NXP Semiconductors
ADC1113S125
Single 11-bit ADC; serial JESD204A interface
[1]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
7.
Limiting values
8.
Thermal characteristics
[1]
Value for six layers board in still air with a minimum of 25 thermal vias.
CS
13
I
chip select
OTR
14
O
out-of-range information
VDDD
15
P
digital power supply 1.8 V
DGND
16
G
digital ground
DGND
17
G
digital ground
VDDD
18
P
digital power supply 1.8 V
CMLP
19
O
serial output
CMLN
20
O
serial complementary output
VDDD
21
P
digital power supply 1.8 V
DGND
22
G
digital ground
DGND
23
G
digital ground
n.c.
24
-
not connected
SYNCP
25
I
positive synchronization signal from the receiver
SYNCN
26
I
negative synchronization signal from the receiver
VDDD
27
P
digital power supply 1.8 V
DGND
28
G
digital ground
VDDA
29
P
analog power supply 3 V
AGND
30
G
analog ground
SENSE
31
I
reference programming pin
VREF
32
I/O
voltage reference input/output
Table 2.
Pin description …continued
Symbol
Pin
Type [1]
Description
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
−0.4
+4.6
V
VDDD(1V8)
digital supply voltage (1.8 V)
−0.4
+2.5
V
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
125
°C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 25.6
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 8.6
K/W


Numéro de pièce similaire - ADC1113S125

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113S125HN-C1 IDT-ADC1113S125HN-C1 Datasheet
698Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
logo
Renesas Technology Corp
ADC1113S125HN-C1 RENESAS-ADC1113S125HN-C1 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
More results

Description similaire - ADC1113S125

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125_11 Datasheet
547Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com