Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QXX25NH6TP Fiches technique(PDF) 5 Page - Littelfuse

No de pièce QXX25NH6TP
Description  25 Amp bi-directional solid state switch series is designed for AC switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25NH6TP Fiches technique(HTML) 5 Page - Littelfuse

  QXX25NH6TP Datasheet HTML 1Page - Littelfuse QXX25NH6TP Datasheet HTML 2Page - Littelfuse QXX25NH6TP Datasheet HTML 3Page - Littelfuse QXX25NH6TP Datasheet HTML 4Page - Littelfuse QXX25NH6TP Datasheet HTML 5Page - Littelfuse QXX25NH6TP Datasheet HTML 6Page - Littelfuse QXX25NH6TP Datasheet HTML 7Page - Littelfuse QXX25NH6TP Datasheet HTML 8Page - Littelfuse QXX25NH6TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
121
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Qxx25xx & Qxx25xHx Series
25 Amp Standard & Alternistor (High Commutation) Triacs
Figure 5: Power Dissipation (Typical) vs. RMS
On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. RMS On-State Current
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
RMS On-State Current [I
T(RMS)] -- Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
FREE AIR RATING
Figure 7: Maximum Allowable Ambient Temperature vs. RMS On-State Current (TO-220 packages only)
10
100
1000
1
10
100
1000
Surge Current Duration -- Full Cycles
Qxx25R5
Qxx25N5
Qxx25P5/Qxx25R6
Qxx25L6/Qxx25NH6
Qxx25K6/Qxx25J6
Qxx25RH5/Qxx25LH5
Qxx25NH5
Figure 8: Surge Peak On-State Current vs. Number of Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated Value at
Specified Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
0
5
10
15
20
25
30
35
0
5
10
15
20
25
RMS On-State Current [I
T(RMS)] -- Amps
Qxx25R5
Qxx25N5
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
Qxx25P5/Qxx25R6
Qxx25L6/Qxx25NH6
Qxx25K6/Qxx25J6
Qxx25RH5/Qxx25LH5
Qxx25NH5
50
60
70
80
90
100
110
120
130
RMS On-State Current [I
T(RMS)] - Amps
0
5
10
15
20
25
30
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
Qxx25R5
Qxx25N5
Qxx25K6
Qxx25J6
Qxx25L6
Qxx25LH5
Qxx25P5
Qxx25R6
Qxx25NH6
Qxx25RH5
Qxx25NH5


Numéro de pièce similaire - QXX25NH6TP

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
QXX25NH6TP LITTELFUSE-QXX25NH6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25NH6TP LITTELFUSE-QXX25NH6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

Description similaire - QXX25NH6TP

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com