Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QXX12RH2 Fiches technique(PDF) 4 Page - Littelfuse

No de pièce QXX12RH2
Description  12 Amp bi-directional solid state switch series is designed for AC switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX12RH2 Fiches technique(HTML) 4 Page - Littelfuse

  QXX12RH2 Datasheet HTML 1Page - Littelfuse QXX12RH2 Datasheet HTML 2Page - Littelfuse QXX12RH2 Datasheet HTML 3Page - Littelfuse QXX12RH2 Datasheet HTML 4Page - Littelfuse QXX12RH2 Datasheet HTML 5Page - Littelfuse QXX12RH2 Datasheet HTML 6Page - Littelfuse QXX12RH2 Datasheet HTML 7Page - Littelfuse QXX12RH2 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
102
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
12 Amp Alternistor (High Communitation) Triacs
Qxx12xHx Series
Figure 8: On-State Current vs. On-State Voltage
(Typical)
0
2
4
6
8
10
12
14
16
18
20
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Positive or Negative Instantaneous On-State Voltage
(V
T) - Volts
T
C = 25ºC
Figure 7: Maximum Allowable Ambient Temperature
vs. On-State Current
20
30
40
50
60
70
80
90
100
110
120
0.
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
RMS On-State Current [I
T(RMS)] - AMPS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
FREE AIR RATING - No HEAT SINK
Qxx12LH5
Qxx12RH5
1
10
100
1000
1000
10
1
Surge Current Duration - Full Cycles
100
Figure 9: Surge Peak On-State Current vs. Number of Cycles
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
RMS On-State Current [I
T(RMS) : Maximum]
Rated Value at Specific Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.


Numéro de pièce similaire - QXX12RH2

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
Qxx12RH2 LITTELFUSE-Qxx12RH2 Datasheet
923Kb / 8P
   RoHS Compliant, Solid-state switching eliminates arcing or contact bounce that create voltage transients
More results

Description similaire - QXX12RH2

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com