Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QXX08L Fiches technique(PDF) 8 Page - Littelfuse

No de pièce QXX08L
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX08L Fiches technique(HTML) 8 Page - Littelfuse

Back Button QXX08L Datasheet HTML 4Page - Littelfuse QXX08L Datasheet HTML 5Page - Littelfuse QXX08L Datasheet HTML 6Page - Littelfuse QXX08L Datasheet HTML 7Page - Littelfuse QXX08L Datasheet HTML 8Page - Littelfuse QXX08L Datasheet HTML 9Page - Littelfuse QXX08L Datasheet HTML 10Page - Littelfuse QXX08L Datasheet HTML 11Page - Littelfuse QXX08L Datasheet HTML 12Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
82
Revised: July 29, 2010 12:24 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Soldering Parameters
Reflow Condition
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
Average ramp up rate (Liquidus Temp)
(T
L) to peak
T
S(max) to TL - Ramp-up Rate
Reflow
- Temperature (T
L) (Liquidus)
- Temperature (t
L)
Peak Temperature (T
P)
+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
Ramp-down Rate
Time 25°C to peak Temperature (T
P)
Do not exceed
280°C
Physical Specifications
Environmental Specifications
Test
Specifications and Conditions
AC Blocking (V
DRM)
Peak AC voltage @ 125°C for 1008 hours
Temperature Cycling
100 cycles; -40°C to +150°C; 15-min
dwell-time
Temperature/
Humidity
rel humidity
High Temp Storage
1008 hours; 150°C
Low-Temp Storage
1008 hours; -40°C
Thermal Shock
10 cycles; 0°C to 100°C; 5-min dwell-
transfer time between temperature
Autoclave
Resistance to
Solder Heat
Solderability
Lead Bend
Terminal Finish
Body Material
Terminal Material
Copper Alloy
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long way
rating. Other ways to ensure long life for a power discrete
semiconductor are proper heat sinking and selection of
voltage ratings for worst case conditions. Overheating,
overvoltage (including dv/dt), and surge currents are
the main killers of semiconductors. Correct mounting,
soldering, and forming of the leads also help protect
against component damage.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


Numéro de pièce similaire - QXX08L

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
QXX08LT LITTELFUSE-QXX08LT Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTH LITTELFUSE-QXX08LTH Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTHTP LITTELFUSE-QXX08LTHTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTTP LITTELFUSE-QXX08LTTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
More results

Description similaire - QXX08L

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com