Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XX1001-QK Fiches technique(PDF) 1 Page - Mimix Broadband

No de pièce XX1001-QK
Description  18.0-21.0/36.0-42.0 GHz Doubler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MIMIX [Mimix Broadband]
Site Internet  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1001-QK Fiches technique(HTML) 1 Page - Mimix Broadband

  XX1001-QK_09 Datasheet HTML 1Page - Mimix Broadband XX1001-QK_09 Datasheet HTML 2Page - Mimix Broadband XX1001-QK_09 Datasheet HTML 3Page - Mimix Broadband XX1001-QK_09 Datasheet HTML 4Page - Mimix Broadband XX1001-QK_09 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
X1001-QK
18.0-21.0/36.0-42.0 GHz Doubler and
Power Amplifier, QFN, 7x7mm
Integrated Doubler and Power Amplifier
Excellent Saturated Output Stage
+25.0 dBm Output Power
50.0 dBc Fundamental Suppression
Features
Electrical Characteristics (Ambient Temperature T = 25
o
C)
Parameter
Input Frequency Range (fin)
Output Frequency Range (fout)
Input Return Loss (S11)
Output Return Loss (S22)
Fundamental Rejection
RF Input Power (RF Pin)
Output Power at 0.0 dBm Pin (Pout)
Drain Supply Voltage (Vd1) Doubler
Drain Supply Voltage (Vd2) Buffer Amp
Drain Supply Voltage (Vd3,4,5,6) PA
Gate Supply Voltage (Vg1) Doubler
Drain Supply Current (Id1) Doubler
Drain Supply Current (Id2) Buffer
Drain Supply Current (Id3,4,5,6) (Vg=-0.7V Typical) PA
Units
GHz
GHz
dB
dB
dBc
dBm
dBm
V
V
V
V
mA
mA
mA
Min.
18.0
36.0
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
-
-
TBD
12.0
50.0
0.0
+26.0
2.5
3.0
4.5
-1.2
<1.0
20
530
Max.
21.0
42.0
-
-
-
-
-
3.0
4.0
5.5
-
-
25
600
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
Moisture Sensitivity Level
+6.0 VDC
800 mA
+0.3 VDC
TBD
-65 to +165 OC
-55 to MTTF Table
MTTF Table
MSL3
Page 1 of 5
1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Mimix Broadband's 18.0-21.0/36.0-42.0 GHz GaAs
doubler integrates a doubler, a buffer amplifier and
4-stage power amplifier. The device provides
better than +25.0 dBm output power and has
excellent fundamental rejection. The device
comes in a 7x7mm QFN package that is RoHS
compliant. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
General Description
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2009 - Rev 21-Mar-09


Numéro de pièce similaire - XX1001-QK_09

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XX1001-QK-0L00 MIMIX-XX1001-QK-0L00 Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK-0L00 MIMIX-XX1001-QK-0L00 Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK-0L0T MIMIX-XX1001-QK-0L0T Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK-0L0T MIMIX-XX1001-QK-0L0T Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
logo
M/A-COM Technology Solu...
XX1001-QK-0N00 MA-COM-XX1001-QK-0N00 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
More results

Description similaire - XX1001-QK_09

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
XX1001-QK MIMIX-XX1001-QK Datasheet
232Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-BD MIMIX-XX1001-BD Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
20DBL0629 MIMIX-20DBL0629 Datasheet
209Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-QK MIMIX-XX1001-QK_07 Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XU1006-QB MIMIX-XU1006-QB_09 Datasheet
263Kb / 9P
   36.0-42.0 GHz GaAs Transmitter
logo
M/A-COM Technology Solu...
XU1009-BD MA-COM-XU1009-BD Datasheet
277Kb / 9P
   18.0-36.0 GHz GaAs MMIC
logo
Mimix Broadband
XU1009-BD_0707 MIMIX-XU1009-BD_0707 Datasheet
282Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
XU1009-BD MIMIX-XU1009-BD Datasheet
281Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
26TX0555 MIMIX-26TX0555 Datasheet
292Kb / 9P
   18.0-36.0 GHz GaAs MMIC Transmitter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com