Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P0080SBLRP Fiches technique(PDF) 2 Page - Littelfuse

No de pièce P0080SBLRP
Description  The series provides a surface mount solution that enables equipment to comply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0080SBLRP Fiches technique(HTML) 2 Page - Littelfuse

  P0080SBLRP Datasheet HTML 1Page - Littelfuse P0080SBLRP Datasheet HTML 2Page - Littelfuse P0080SBLRP Datasheet HTML 3Page - Littelfuse P0080SBLRP Datasheet HTML 4Page - Littelfuse P0080SBLRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
139
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Electrical Parameters (continued)
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance
@1MHz, 2V bias
V min
V max
mA min
mA max
A max
V max
pF min
pF max
P0720SBLRP
P07B
65
88
150
800
2.2
4
35
75
P0900SBLRP
P09B
75
98
150
800
2.2
4
35
70
P1100SBLRP
P11B
90
130
150
800
2.2
4
30
70
P1300SBLRP
P13B
120
160
150
800
2.2
4
25
60
P1500SBLRP
P15B
140
180
150
800
2.2
4
25
55
P1800SBLRP
P18B
170
220
150
800
2.2
4
25
50
P2100SBLRP
P21B
180
240
150
800
2.2
4
20
35
P2300SBLRP
P23B
190
260
150
800
2.2
4
25
50
P2600SBLRP
P26B
220
300
150
800
2.2
4
20
45
P3100SBLRP
P31B
275
350
150
800
2.2
4
20
45
P3500SBLRP
P35B
320
400
150
800
2.2
4
20
40
P0080SCLRP
P-8C
6
25
50
800
2.2
4
45
260
P0220SCLRP
P22C
15
32
50
800
2.2
4
30
240
P0300SCLRP
P03C
25
40
50
800
2.2
4
25
250
P0640SCLRP
P06C
58
77
150
800
2.2
4
55
155
P0720SCLRP
P07C
65
88
150
800
2.2
4
50
150
P0900SCLRP
P09C
75
98
150
800
2.2
4
45
140
P1100SCLRP
P11C
90
130
150
800
2.2
4
45
115
P1300SCLRP
P13C
120
160
150
800
2.2
4
40
105
P1500SCLRP
P15C
140
180
150
800
2.2
4
35
95
P1800SCLRP
P18C
170
220
150
800
2.2
4
35
90
P2100SCLRP
P21C
180
240
150
800
2.2
4
30
90
P2300SCLRP
P23C
190
260
150
800
2.2
4
30
80
P2600SCLRP
P26C
220
300
150
800
2.2
4
30
80
P3100SCLRP
P31C
275
350
150
800
2.2
4
30
70
P3500SCLRP
P35C
320
400
150
800
2.2
4
25
65
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
Amps/μs max
A
20
150
150
905075754575
20
500
B
25
250
250
150
100
100
125
80
100
25
500
C
50
500
400
200
150
200
175
100
200
30
500
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional.
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


Numéro de pièce similaire - P0080SBLRP

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
P0080SBLRP LITTELFUSE-P0080SBLRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
P0080SBLRP LITTELFUSE-P0080SBLRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
logo
HuaXinAn Electronics CO...
P0080SBLRP HUAXINAN-P0080SBLRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0080SBLRP LITTELFUSE-P0080SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
P0080SBLRP LITTELFUSE-P0080SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Description similaire - P0080SBLRP

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
A2106UA6LXX LITTELFUSE-A2106UA6LXX Datasheet
156Kb / 5P
   The series provides a dual port surface mount solution that enables voice
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P1553AALXX LITTELFUSE-P1553AALXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
P0080SDLRP LITTELFUSE-P0080SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
National Semiconductor ...
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
   evaluation board provides a solution to examine the high efficiency
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com