Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6300H Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FAN6300H
Description  Highly Integrated Quasi-Resonant Current Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300H Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN6300H Datasheet HTML 4Page - Fairchild Semiconductor FAN6300H Datasheet HTML 5Page - Fairchild Semiconductor FAN6300H Datasheet HTML 6Page - Fairchild Semiconductor FAN6300H Datasheet HTML 7Page - Fairchild Semiconductor FAN6300H Datasheet HTML 8Page - Fairchild Semiconductor FAN6300H Datasheet HTML 9Page - Fairchild Semiconductor FAN6300H Datasheet HTML 10Page - Fairchild Semiconductor FAN6300H Datasheet HTML 11Page - Fairchild Semiconductor FAN6300H Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300A / FAN6300H • Rev. 1.0.1
8
Electrical Characteristics(Continued)
Unless otherwise specified, VDD=10~25V, TA=-40°C ~125°C (TA=TJ).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Current Sense Section
tPD
Delay to Output
20
150
200
ns
VLIMIT
Limit Voltage on CS Pin for Over-Power
Compensation
IDET < 74.41µA
0.82
0.85
0.88
V
IDET=550µA
0.380
0.415
0.450
V
VSLOPE
Slope Compensation
(3)
tON=45µs
0.3
V
tON=0µs
0.1
V
tBNK
Leading-Edge-Blanking Time
(MOS Turns ON)
525
625
725
ns
VCS-H
VCS Clamped High Voltage once CS Pin
Floating
CS Pin Floating
4.5
5.0
V
tCS-H
Delay Time once CS Pin Floating
CS Pin Floating
150
µs
Internal Over-Temperature Protection Section
TOTP
Internal Threshold Temperature for OTP
(3)
+140
°C
TOTP-HYST
Hysteresis Temperature for Internal OTP
(3)
+15
°C
Note:
3.
Guaranteed by design.


Numéro de pièce similaire - FAN6300H

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6300H FAIRCHILD-FAN6300H Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
ON Semiconductor
FAN6300HMY ONSEMI-FAN6300HMY Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
More results

Description similaire - FAN6300H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com