Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3122T Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce FAN3122T
Description  30V PMOS-NMOS Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3122T Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN3122T Datasheet HTML 7Page - Fairchild Semiconductor FAN3122T Datasheet HTML 8Page - Fairchild Semiconductor FAN3122T Datasheet HTML 9Page - Fairchild Semiconductor FAN3122T Datasheet HTML 10Page - Fairchild Semiconductor FAN3122T Datasheet HTML 11Page - Fairchild Semiconductor FAN3122T Datasheet HTML 12Page - Fairchild Semiconductor FAN3122T Datasheet HTML 13Page - Fairchild Semiconductor FAN3122T Datasheet HTML 14Page - Fairchild Semiconductor FAN3122T Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3278 • Rev. 1.0.0
11
VDD Bypass Capacitor Guidelines
To enable this IC to turn a device on quickly, a local
high-frequency bypass capacitor, CBYP, with low ESR
and ESL should be connected between the VDD and
GND pins with minimal trace length. This capacitor is in
addition to bulk electrolytic capacitance of 10µF to 47µF
commonly found on driver and controller bias circuits.
A typical criterion for choosing the value of CBYP is to
keep the ripple voltage on the VDD supply to ≤5%. This
is often achieved with a value ≥20 times the equivalent
load capacitance CEQV, defined as QGATE/VDD. Ceramic
capacitors of 0.1µF to 1µF or larger are common
choices, as are dielectrics, such as X5R and X7R, with
stable temperature characteristics and high pulse
current capability.
If circuit noise affects normal operation, the value of
CBYP may be increased to 50-100 times the CEQV or CBYP
may be split into two capacitors. One should be a larger
value, based on equivalent load capacitance, and the
other a smaller value, such as 1-10nF, mounted closest
to the VDD and GND pins to carry the higher-frequency
components of the current pulses. The bypass capacitor
must provide the pulsed current from both of the driver
channels
and,
if
the
drivers
are
switching
simultaneously, the combined peak current sourced
from the CBYP can be twice as large as when a single
channel is switching.
Layout and Connection Guidelines
The FAN3278 gate driver incorporates fast-reacting
input circuits, short propagation delays, and powerful
output stages capable of delivering current peaks over
1.5A to facilitate fast voltage transition times. The
following layout and connection guidelines are strongly
recommended:
Keep high-current output and power ground paths
separate from logic and enable input signals and
signal ground paths. This is especially critical when
dealing with TTL-level logic thresholds at driver
inputs and enable pins.
Keep the driver as close to the load as possible to
minimize the length of high-current traces. This
reduces the series inductance to improve high-
speed switching, while minimizing the loop area
that can couple EMI to the driver inputs and
surrounding circuitry.
If the inputs to a channel are not externally
connected, the internal 100k
 resistors indicated
on block diagrams command a low output on
channel A and a high output on channel B. In noisy
environments, it may be necessary to tie inputs of
an unused channel to VDD or GND using short
traces to prevent noise from causing spurious
output switching.
Many high-speed power circuits can be susceptible
to noise injected from their own output or other
external sources, possibly causing output mis-
triggering. These effects can be obvious if the
circuit is tested in breadboard or non-optimal circuit
layouts with long input, enable, or output leads. For
best results, make connections to all pins as short
and direct as possible.
The turn-on and turn-off current paths should be
minimized, as discussed above.
Thermal Guidelines
Gate drivers used to switch MOSFETs and IGBTs at
high frequencies can dissipate significant amounts of
power. It is important to determine the driver power
dissipation and the resulting junction temperature in the
application to ensure the part is operating within
acceptable temperature limits.
The total power dissipation in a gate driver is the sum of
two components, PGATE and PDYNAMIC:
PTOTAL=PGATE + PDYNAMIC
(1)
Gate Driving Loss: The most significant power loss
results from supplying gate current (charge per unit
time) to switch the load MOSFET on and off at the
switching frequency. The power dissipation that results
from driving a MOSFET with a specified gate-source
voltage, VGS, with gate charge, QG, at switching
frequency, fSW, is determined by:
PGATE=QG • VGS • fSW
(2)
This needs to be calculated for each P-channel and N-
channel MOSFET where the QG is likely to be different.
Dynamic Pre-drive / Shoot-through Current: Power loss
resulting from internal current consumption under
dynamic operating conditions, including pin pull-up /
pull-down resistors, can be obtained using the “IDD (No-
Load) vs. Frequency” graphs in Figure 9 to determine
the current IDYNAMIC drawn from VDD under actual
operating conditions.
PDYNAMIC=IDYNAMIC • VDD
(3)
Once the power dissipated in the driver is determined,
the driver junction rise with respect to circuit board can
be evaluated using the following thermal equation,
assuming JB was determined for a similar thermal
design (heat sinking and air flow):
TJ =PTOTAL • JB + TB
(4)
where:
TJ =driver junction temperature
JB =(psi) thermal characterization parameter relating
temperature rise to total power dissipation
TB =board temperature in location defined in
Note 1 under Thermal Resistance table.
As an example of a power dissipation calculation,
consider an application driving two MOSFETs (one P-
channel and one N-channel, both with a gate charge of
60nC each) with VGS=VDD=12V. At a switching
frequency of 200kHz, the total power dissipation is:
PGATE=60nC • 12V • 200kHz • 2=0.288W
(5)
PDYNAMIC=1.65mA • 12V =0.020W
(6)
PTOTAL=0.308W
(7)


Numéro de pièce similaire - FAN3122T

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3122T FAIRCHILD-FAN3122T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3122T FAIRCHILD-FAN3122T Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3122T FAIRCHILD-FAN3122T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3122T FAIRCHILD-FAN3122T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3122T FAIRCHILD-FAN3122T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Description similaire - FAN3122T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
FAN3268 ONSEMI-FAN3268 Datasheet
1Mb / 17P
   2A Low-Voltage PMOS-NMOS Bridge Driver
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-339J AVAGO-ACPL-339J Datasheet
948Kb / 23P
   Dual output drive for external NMOS and PMOS buffer
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
List of Unclassifed Man...
MC1203N ETC-MC1203N Datasheet
281Kb / 4P
   LSI PMOS
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
   Single and dual PMOS high-side H-bridge
October 2015 Rev 2
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
   Single and dual PMOS high-side H-bridge
September 2013 Rev 6
logo
Hamamatsu Corporation
C7885 HAMAMATSU-C7885 Datasheet
219Kb / 4P
   Driver circuit for NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com