Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5236 Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FAN5236
Description  Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5236 Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5236 Datasheet HTML 5Page - Fairchild Semiconductor FAN5236 Datasheet HTML 6Page - Fairchild Semiconductor FAN5236 Datasheet HTML 7Page - Fairchild Semiconductor FAN5236 Datasheet HTML 8Page - Fairchild Semiconductor FAN5236 Datasheet HTML 9Page - Fairchild Semiconductor FAN5236 Datasheet HTML 10Page - Fairchild Semiconductor FAN5236 Datasheet HTML 11Page - Fairchild Semiconductor FAN5236 Datasheet HTML 12Page - Fairchild Semiconductor FAN5236 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5236 • Rev. 1.3.2
9
Typical Applications (Continued)
FPWM1 (VOUT1)
2
C6
DDR
L1
Q1B
5
27
C8
1.8V at 6A
L2
24
PW M 1
PW M 2
ILIM1
14
13
11
R4
R5
18
28
VCC
+5
ILIM2
Q2B
C7
D1
+5
6
4
R6
7
25
R7
23
D2
+5
9
22
C4
19
VSEN2
ISNS2
1
R2
PG1
15
+5
3
26
PGND2
SW2
HDRV2
ISNS1
PGND2
Q1A
Q2A
20
FPWM2
R8
R9
10
VSEN1
LDRV1
BOOT2
HDRV1
SW1
BOOT1
VIN
LDRV2
C5
C1
VIN
R1
2.5V at 6A
PG2
16
EN2
21
R3
VIN (BATTERY)
=5 to 24V
C9
SS2
17
C3
AGND
EN1
8
SS1
12
C2
Figure 6. Dual Regulator Application
Table 2. DDR Regulator BOM
Item
Description
Qty.
Ref.
Vendor
Part Number
1
Capacitor 68µf, Tantalum, 25V, ESR 95m
Ω
1
C1
AVX
TPSV686*025#095
2
Capacitor 10nf, Ceramic
2
C2, C3
Any
3
Capacitor 68µf, Tantalum, 6V, ESR 1.8
Ω
1
C4
AVX
TAJB686*006
4
Capacitor 150nF, Ceramic
2
C5, C7
Any
5
Capacitor 330µf, Poscap, 4V, ESR 40m
Ω
2
C6, C8
Sanyo
4TPB330ML
5
Capacitor 0.1µF, Ceramic
2
C9
Any
11
56.2K
Ω, 1% Resistor
2
R1, R2
Any
12
10K
Ω, 5% Resistor
2
R3
Any
13
3.24K
Ω, 1% Resistor
1
R4
Any
14
1.82K
Ω, 1% Resistor
3
R5, R8,
R9
Any
15
1.5K
Ω, 1% Resistor
2
R6, R7
Any
27
Schottky Diode 30V
2
D1, D2
Fairchild
Semiconductor
BAT54
28
Inductor 6.4µH, 6A, 8.64m
Ω
1
L1, L2
Panasonic
ETQ-P6F6R4HFA
29
Dual MOSFET with Schottky
1
Q1
Fairchild
Semiconductor
FDS6986AS
(2)
30
DDR Controller
1
U1
Fairchild
Semiconductor
FAN5236
Note:
2.
If currents above 4A continuous are required, use single SO-8 packages. For more information, refer to the
Power MOSFET Selection Section and AN-6002 for design calculations.


Numéro de pièce similaire - FAN5236

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
FAN5236 FAIRCHILD-FAN5236 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236MTC FAIRCHILD-FAN5236MTC Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
More results

Description similaire - FAN5236

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com