Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3216TMX Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FAN3216TMX
Description  Dual-2A, High-Speed, Low-Side Gate Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3216TMX Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN3216TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3216TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3216TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3216TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3216TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3216TMX Datasheet HTML 9Page - Fairchild Semiconductor FAN3216TMX Datasheet HTML 10Page - Fairchild Semiconductor FAN3216TMX Datasheet HTML 11Page - Fairchild Semiconductor FAN3216TMX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3216 / FAN3217 • Rev. 1.0.1
8
Typical Performance Characteristics
Typical characteristics are provided at TA=25°C and VDD=12V unless otherwise noted.
Figure 14. UVLO Threshold vs. Temperature
Figure 15. Propagation Delay vs. Supply Voltage
Figure 16. Propagation Delay vs. Supply Voltage
Figure 17. Propagation Delays vs. Temperature
Figure 18. Propagation Delays vs. Temperature


Numéro de pièce similaire - FAN3216TMX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3216TMX FAIRCHILD-FAN3216TMX_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

Description similaire - FAN3216TMX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com