Moteur de recherche de fiches techniques de composants électroniques |
|
FAN3100 Fiches technique(PDF) 5 Page - Fairchild Semiconductor |
|
FAN3100 Fiches technique(HTML) 5 Page - Fairchild Semiconductor |
5 / 22 page © 2007 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN3100 • Rev. 1.0.3 5 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol Parameter Min. Max. Unit VDD VDD to PGND -0.3 20.0 V VIN Voltage on IN+ and IN- to GND, AGND, or PGND GND - 0.3 VDD + 0.3 V VOUT Voltage on OUT to GND, AGND, or PGND GND - 0.3 VDD + 0.3 V TL Lead Soldering Temperature (10 seconds) +260 ºC TJ Junction Temperature -55 +150 ºC TSTG Storage Temperature -65 +150 ºC ESD Electrostatic Discharge Protection Level Human Body Model, JEDEC JESD22-A114 4 kV Charged Device Model, JEDEC JESD22-C101 750 V Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings. Symbol Parameter Min. Max. Unit VDD Supply Voltage Range 4.5 18.0 V VIN Input Voltage IN+, IN- 0 VDD V TA Operating Ambient Temperature -40 +125 ºC |
Numéro de pièce similaire - FAN3100 |
|
Description similaire - FAN3100 |