Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2560 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN2560
Description  350mA Low-VIN LDO with Fast Transient Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2560 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN2560 Datasheet HTML 1Page - Fairchild Semiconductor FAN2560 Datasheet HTML 2Page - Fairchild Semiconductor FAN2560 Datasheet HTML 3Page - Fairchild Semiconductor FAN2560 Datasheet HTML 4Page - Fairchild Semiconductor FAN2560 Datasheet HTML 5Page - Fairchild Semiconductor FAN2560 Datasheet HTML 6Page - Fairchild Semiconductor FAN2560 Datasheet HTML 7Page - Fairchild Semiconductor FAN2560 Datasheet HTML 8Page - Fairchild Semiconductor FAN2560 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2560 • Rev. 1.0.1
4
Electrical Characteristics
VBAT=2.9V to 5.5V, VIN=VOUT + 0.3V, TA=-40°C to +85°C, Test Circuit Figure 1, unless otherwise noted. Typical
values are at TA=25°C, VBAT=3.6V, ILOAD=1mA, VEN=1.8V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
VBAT
Battery Input Supply
(VOUT + 1.4V) < VBAT
2.9
5.5
V
VIN
Input Voltage Range
VIN < VBAT
VOUT +
VDO
VBAT
V
IBAT
VBAT Supply Current
ILOAD=0µA
55
70
μA
IIN
VIN Supply Current
ILOAD=0µA
4
11
μA
IVBATSD
VBAT Shutdown Supply Current
VBAT=3.6V, EN=GND
0.01
1.00
μA
IVINSD
VIN shutdown Supply Current
VBAT=3.6V, EN=GND
0.01
1.00
μA
VBAT Falling Edge
2.0
2.4
V
VUVLO
Under-voltage Lockout Threshold
Hysteresis
0.05
V
Enable High-level Input Voltage
1.1
V(EN)
Enable Low-level Input Voltage
0.4
V
I(EN)
Enable Input Leakage Current
EN=VIN or GND
0
0.5
μA
Regulation
IOUT
Maximum Output Current
350
mA
VDO
Dropout Voltage with Respect to VIN
(2)
ILOAD=350mA
70
200
mV
∆VOUT
Output Voltage Accuracy
Over Full VIN, IOUT, and
Temperature Range
-2
2
%
∆VOUTline
Line Regulation
∆VOUTload Load Regulation
Over Full VIN, VBAT, IOUT
Range
< 6
mV
ISCP
Short-circuit Current Limit
400
mA
3V<VBAT
<4.5V
130
300
ISU
Start-up Peak Current
VBAT and VIN
applied, EN
from L to H,
no load, TA=
-30C to +85C
2.9V<VBAT
<5.5V
500
mA
Rising Temperature
150
°C
TSD
Thermal Shutdown
Hysteresis
10
°C
VIN, 10Hz to 10kHz
> 60
PSRR
Power Supply Rejection Ratio
VBAT, 10Hz to 10kHz
> 50
dB
en
Output Noise Voltage
10Hz to 100kHz
60
µVRMS
Timing Characteristics
Peak
∆VOUTline
Line Transient Response
600mV, tRISE=tFALL=10µs
±2
mV
Peak
∆VOUTload
Load Transient Response
0 to 300mA, tRISE=tFALL=1µs
±15
mV
tON
Turn-on Time
70
200
µs
Note
:
2
Dropout voltage is the minimum input to output differential voltage needed to maintain VOUT in regulation, in
specified conditions


Numéro de pièce similaire - FAN2560

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC15X FAIRCHILD-FAN2560UC15X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
More results

Description similaire - FAN2560

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com