Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN100MY Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN100MY
Description  Primary-Side-Control PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN100MY Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN100MY Datasheet HTML 6Page - Fairchild Semiconductor FAN100MY Datasheet HTML 7Page - Fairchild Semiconductor FAN100MY Datasheet HTML 8Page - Fairchild Semiconductor FAN100MY Datasheet HTML 9Page - Fairchild Semiconductor FAN100MY Datasheet HTML 10Page - Fairchild Semiconductor FAN100MY Datasheet HTML 11Page - Fairchild Semiconductor FAN100MY Datasheet HTML 12Page - Fairchild Semiconductor FAN100MY Datasheet HTML 13Page - Fairchild Semiconductor FAN100MY Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN100 Rev. 1.0.2
10
Functional Description
0 shows the basic circuit diagram of a primary-side
regulated flyback converter and its typical waveforms
are shown in 0. Generally, discontinuous conduction
mode (DCM) operation is preferred for primary-side
regulation since it allows better output regulation. The
operation principles of DCM flyback converter are as
follows:
During the MOSFET on time (tON), input voltage (VDL) is
applied across the primary side inductor (Lm). Then,
MOSFET current (Ids) increases linearly from zero to the
peak value (Ipk). During this time, the energy is drawn
from the input and stored in the inductor.
When the MOSFET is turned off, the energy stored in
the inductor forces the rectifier diode (D) to be turned
on. While the diode is conducting, the output voltage
(Vo), together with diode forward-voltage drop (VF), is
applied across the secondary-side inductor (Lm×Ns
2/
Np
2) and the diode current (ID) decreases linearly from
the peak value (Ipk× Np/Ns) to zero. At the end of
inductor current discharge time (tDIS), all the energy
stored in the inductor has been delivered to the output.
When the diode current reaches zero, the transformer
auxiliary winding voltage (Vw) begins to oscillate by the
resonance between the primary-side inductor (Lm) and
the effective capacitor loaded across the MOSFET.
During the inductor current discharge time, the sum of
output voltage and diode forward-voltage drop is
reflected to the auxiliary winding side as (Vo+VF)× Na/Ns.
Since the diode forward-voltage drop decreases as
current decreases, the auxiliary winding voltage reflects
the output voltage best at the end of diode conduction
time where the diode current diminishes to zero. Thus,
by sampling the winding voltage at the end of the diode
conduction time, the output voltage information can be
obtained. The internal error amplifier for output voltage
regulation (EA_V) compares the sampled voltage with
internal precise reference to generate error voltage
(VCOMV), which determines the duty cycle of the
MOSFET in CV mode.
Meanwhile, the output current can be estimated using
the peak drain current and inductor current discharge
time since output current is the same as average of the
diode current in steady state.
The output current estimator detects the peak value of
the drain current with a peak detection circuit and
calculates the output current using the inductor
discharge time (tDIS) and switching period (ts). This
output information is compared with the internal precise
reference to generate error voltage (VCOMI), which
determines the duty cycle of the MOSFET in CC mode.
With
Fairchild’s
innovative
technique,
TRUECURRENT™, constant current (CC) output can
be precisely controlled.
Of the two error voltages, VCOMV and VCOMI, the smaller
determines the duty cycle. During constant voltage
regulation mode, VCOMV determines the duty cycle while
VCOMI is saturated to HIGH. During constant current
regulation mode, VCOMI determines the duty cycle while
VCOMV is saturated to HIGH.
Figure 23. Simplified PSR Flyback Converter Circuit
P
pk
S
N
I
N
pk
I
.
Davg
o
I
I
=
A
F
S
N
V
N
A
O
S
N
V
N
Figure 24. Key Waveforms of DCM Flyback
Converter


Numéro de pièce similaire - FAN100MY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
More results

Description similaire - FAN100MY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com