Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN100 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN100
Description  Primary-Side-Control PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN100 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN100_09 Datasheet HTML 1Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 2Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 3Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 4Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 5Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 6Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 7Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 8Page - Fairchild Semiconductor FAN100_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN100 Rev. 1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
(1,2)
30
V
VVS
VS Pin Input Voltage
-0.3
7.0
V
VCS
CS Pin Input Voltage
-0.3
7.0
V
VCOMV
Voltage Error Amplifier Output Voltage
-0.3
7.0
V
VCOMI
Voltage Error Amplifier Output Voltage
-0.3
7.0
V
PD
Power Dissipation (TA<50°C)
660
mW
ΘJA
Thermal Resistance (Junction-to-Air)
150
°C /W
ΘJC
Thermal Resistance (Junction-to-Case)
39
°C /W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
Human Body Model,
JEDEC: JESD22-A114
4.5
ESD
Electrostatic Discharge Capability
Charged Device Model,
JEDEC: JESD22-C101
2.0
KV
Notes:
1.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
2.
All voltage values, except differential voltages, are given with respect to GND pin.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
-40
+125
°C


Numéro de pièce similaire - FAN100_09

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
More results

Description similaire - FAN100_09

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com