Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS3670 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FDS3670
Description  Power Converter Topology and MOSFET Selection for 48-V Telecom
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3670 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FDS3670 Datasheet HTML 4Page - Fairchild Semiconductor FDS3670 Datasheet HTML 5Page - Fairchild Semiconductor FDS3670 Datasheet HTML 6Page - Fairchild Semiconductor FDS3670 Datasheet HTML 7Page - Fairchild Semiconductor FDS3670 Datasheet HTML 8Page - Fairchild Semiconductor FDS3670 Datasheet HTML 9Page - Fairchild Semiconductor FDS3670 Datasheet HTML 10Page - Fairchild Semiconductor FDS3670 Datasheet HTML 11Page - Fairchild Semiconductor FDS3670 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Rev. A, June 2001
©2001 Fairchild Semiconductor Corporation
Figure 9. Voltage and current waveforms for the basic push-pull design.
Full-Bridge Designs
Full-bridge designs, sometimes called four transistor bridges, are generally used at very high
power levels, mainly due to the cost of these designs. Two of the four switches have floating
sources, so they each require an isolated gate drive, usually transformer coupled. The power
transformers primary winding design is a simple single winding. The secondary, is generally
center-tapped, at least for very low output voltage designs. The main advantage of the bridge
topology is that the drain voltages of all four switches are constrained to Vin. Energy in the
transformer’s leakage inductance gets returned to the input and can help force commutate the
switches. The switches get turned on across a diagonal of the bridge. Figure 10 shows the
basic circuit design, and Figure 11 shows the idealized waveforms. Since the drain voltage is
well clamped to Vin without snubbers, there is no concern for passive energy losses. This also
allows the use of the 80V, FDS3570 in all four locations. With these devices, output power
VGS(Q2)
VGS(Q1)
PWM'ED EDGE
-2VIN
-VIN
VDS(Q1)
VDS(Q2)
D1(ANODE)
D2(ANODE)
IL1
I0
VSW
VSAT
IPK
0
TIME
SW2
SW1
2VIN
VIN
IPRI
0
TIME
IMIN


Numéro de pièce similaire - FDS3670

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results

Description similaire - FDS3670

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
   Power Converter Topology
logo
ON Semiconductor
NCP1561 ONSEMI-NCP1561 Datasheet
250Kb / 22P
   Push-Pull PWM Controller for 48 V Telecom Systems
August, 2004 ??Rev. 3
NCP1031MNTXG ONSEMI-NCP1031MNTXG Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
142Kb / 18P
   Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030_06 Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1030 ONSEMI-NCP1030 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
logo
Vishay Siliconix
SI9117 VISHAY-SI9117 Datasheet
132Kb / 15P
   High-Frequency Converter for Telecom Applications
Rev. E, 19-Apr-04
logo
ALPS ELECTRIC CO.,LTD.
SDDE ALPS-SDDE Datasheet
1,014Kb / 3P
   One switch for main power, mode selection and start
logo
International Rectifier
IRF7823PBF IRF-IRF7823PBF Datasheet
669Kb / 10P
   Power MOSFET Selection for Non-Isolated DC/DC Converters
logo
Vishay Siliconix
SIHW47N65E VISHAY-SIHW47N65E Datasheet
161Kb / 7P
   Server and telecom power supplies
Rev. C, 02-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com