Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3223C Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce FAN3223C
Description  Application Review and Comparative Evaluation of Low-Side Gate Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3223C Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN3223C Datasheet HTML 4Page - Fairchild Semiconductor FAN3223C Datasheet HTML 5Page - Fairchild Semiconductor FAN3223C Datasheet HTML 6Page - Fairchild Semiconductor FAN3223C Datasheet HTML 7Page - Fairchild Semiconductor FAN3223C Datasheet HTML 8Page - Fairchild Semiconductor FAN3223C Datasheet HTML 9Page - Fairchild Semiconductor FAN3223C Datasheet HTML 10Page - Fairchild Semiconductor FAN3223C Datasheet HTML 11Page - Fairchild Semiconductor FAN3223C Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AN-6069
APPLICATION NOTE
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3 • 1/6/10
11
Related Parts
Type
Part
Number
Gate Drive
(1)
(Sink/Src)
Input
Threshold
Logic
Package
Single 1A
FAN3111C
+1.1A / -0.9A
CMOS
Single Channel of Dual-Input/Single-Output
SOT23-5, MLP6
Single 1A
FAN3111E
+1.1A / -0.9A
External
(2)
Single Non-Inverting Channel with External Reference
SOT23-5, MLP6
Single 2A
FAN3100C
+2.5A / -1.8A
CMOS
Single Channel of Two-Input/One-Output
SOT23-5, MLP6
Single 2A
FAN3100T
+2.5A / -1.8A
TTL
Single Channel of Two-Input/One-Output
SOT23-5, MLP6
Dual 2A
FAN3216T
+2.4A / -1.6A
TTL
Dual Inverting Channels
SOIC8
Dual 2A
FAN3217T
+2.4A / -1.6A
TTL
Dual Non-Inverting Channels
SOIC8
Dual 2A
FAN3226C
+2.4A / -1.6A
CMOS
Dual Inverting Channels + Dual Enable
SOIC8, MLP8
Dual 2A
FAN3226T
+2.4A / -1.6A
TTL
Dual Inverting Channels + Dual Enable
SOIC8, MLP8
Dual 2A
FAN3227C
+2.4A / -1.6A
CMOS
Dual Non-Inverting Channels + Dual Enable
SOIC8, MLP8
Dual 2A
FAN3227T
+2.4A / -1.6A
TTL
Dual Non-Inverting Channels + Dual Enable
SOIC8, MLP8
Dual 2A
FAN3228C
+2.4A / -1.6A
CMOS
Dual Channels of Two-Input/One-Output, Pin Config.1
SOIC8, MLP8
Dual 2A
FAN3228T
+2.4A / -1.6A
TTL
Dual Channels of Two-Input/One-Output, Pin Config.1
SOIC8, MLP8
Dual 2A
FAN3229C
+2.4A / -1.6A
CMOS
Dual Channels of Two-Input/One-Output, Pin Config.2
SOIC8, MLP8
Dual 2A
FAN3229T
+2.4A / -1.6A
TTL
Dual Channels of Two-Input/One-Output, Pin Config.2
SOIC8, MLP8
Dual 2A
FAN3268T
+2.4A / -1.6A
TTL
20V Non-Inverting Channel (NMOS) and Inverting Channel
(PMOS) + Dual Enables
SOIC8
Dual 2A
FAN3278T
+2.4A / -1.6A
TTL
30V Non-Inverting Channel (NMOS) and Inverting Channel
(PMOS) + Dual Enables
SOIC8
Dual 4A
FAN3213T
+2.5A / -1.8A
TTL
Dual Inverting Channels
SOIC8
Dual 4A
FAN3214T
+2.5A / -1.8A
TTL
Dual Non-Inverting Channels
SOIC8
Dual 4A
FAN3223C
+4.3A / -2.8A
CMOS
Dual Inverting Channels + Dual Enable
SOIC8, MLP8
Dual 4A
FAN3223T
+4.3A / -2.8A
TTL
Dual Inverting Channels + Dual Enable
SOIC8, MLP8
Dual 4A
FAN3224C
+4.3A / -2.8A
CMOS
Dual Non-Inverting Channels + Dual Enable
SOIC8, MLP8
Dual 4A
FAN3224T
+4.3A / -2.8A
TTL
Dual Non-Inverting Channels + Dual Enable
SOIC8, MLP8
Dual 4A
FAN3225C
+4.3A / -2.8A
CMOS
Dual Channels of Two-Input/One-Output
SOIC8, MLP8
Dual 4A
FAN3225T
+4.3A / -2.8A
TTL
Dual Channels of Two-Input/One-Output
SOIC8, MLP8
Single 9A
FAN3121C
+9.7A / -7.1A
CMOS
Single Inverting Channel + Enable
SOIC8, MLP8
Single 9A
FAN3121T
+9.7A / -7.1A
TTL
Single Inverting Channel + Enable
SOIC8, MLP8
Single 9A
FAN3122T
+9.7A / -7.1A
CMOS
Single Non-Inverting Channel + Enable
SOIC8, MLP8
Single 9A
FAN3122C
+9.7A / -7.1A
TTL
Single Non-Inverting Channel + Enable
SOIC8, MLP8
Notes:
1.
Typical currents with OUTx at 6V and VDD=12V.
2.
Thresholds proportional to an externally supplied reference voltage.
To review the datasheets for the above low-side gate drivers, visit Fairchild Semiconductor’s website at:
http://www.fairchildsemi.com/sitesearch/fsc.jsp?command=eq&attr1=AAAFamily&attr2=Low-Side+Drivers


Numéro de pièce similaire - FAN3223C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3223C FAIRCHILD-FAN3223C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Description similaire - FAN3223C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com