Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3100C Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FAN3100C
Description  Application Review and Comparative Evaluation of Low-Side Gate Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3100C Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN3100C Datasheet HTML 4Page - Fairchild Semiconductor FAN3100C Datasheet HTML 5Page - Fairchild Semiconductor FAN3100C Datasheet HTML 6Page - Fairchild Semiconductor FAN3100C Datasheet HTML 7Page - Fairchild Semiconductor FAN3100C Datasheet HTML 8Page - Fairchild Semiconductor FAN3100C Datasheet HTML 9Page - Fairchild Semiconductor FAN3100C Datasheet HTML 10Page - Fairchild Semiconductor FAN3100C Datasheet HTML 11Page - Fairchild Semiconductor FAN3100C Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN-6069
APPLICATION NOTE
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3 • 1/6/10
9
In both these circuits, there is a voltage transient that may
last for 50-100ns as the current increases to the limits of the
driver. A compact layout using surface mount components
keeps the loop area small to minimize parasitic inductance.
The two previous circuits require a unique surface mount
layout. It is possible to evaluate driver current capability by
connecting a relatively large capacitive load on the output of
a driver with the simple circuit shown in Figure 21.
Figure 21. "Large" Load Test Circuit
For a starting point, CLOAD is chosen to be 100 times larger
than the load used for rise and fall time measurements and
the input is driven with a 1kHz square wave. On typical
datasheets, 2A drivers are specified with 1nF load for the
rise and fall time specifications, so CLOAD would be selected
to be 0.1µF. This relatively large load prevents the output
from changing rapidly, allowing the driver output current to
reach its internal limiting value. A current probe, IPRB, can
be used to monitor the output current along with the output
voltage VOUT on an oscilloscope. This enables plotting the
output current available at the corresponding output voltage.
Bench comparisons have shown that the current
measurement obtained using this method agrees closely with
that obtained using the clamp circuits in Figure 19 and
Figure 20. In addition, the slower current rise and fall times
allow the current measurements to be made comfortably
within the bandwidth limits of a current probe.
Figure 22 shows the waveforms obtained using the test
circuit shown in Figure 21 to evaluate a 2A sink / 1.5A
source driver (FAN3227C) with a compound output stage.
When the driver input, VIN, goes high, there is a transient
glitch on the VOUT trace as the output current quickly
increases to 3A through the inductance of the current probe
loop. After approximately 70ns, the current has reached its
peak value and the voltage spike across the parasitic
inductances vanishes. With VOUT = 6V, the output current is
measured as 1.5A (source current).
Figure 22. Compound Driver Current Source
Waveforms
Figure 22 shows the leading spike across the inductance
introduced by the wire loop inserted in the circuit to enable
use of a current probe. If the wire loop is removed and the
0.1µF surface mount capacitor is installed in a layout with
minimal parasitic inductance, the waveforms shown in
Figure 23 are obtained. In short intervals where the voltage
waveform is approximately linear, the basic relation is:
=
dT
dV
C
I
OUT
LOAD
(16)
can be applied to provide an estimate of the current.
Figure 23. Compound Driver Current Estimation
The oscillogram in Figure 23 allows calculation of current
during the cursor interval as:
A
8
.
2
ns
6
.
40
V
131
.
1
µF
1
.
0
I
=
=
(17)
providing close agreement with the peak value seen in the
IOUT trace in Figure 22. A similar calculation around VOUT =
6V provides a current estimation of 1.5A, nearly identical to
the result obtained with direct current measurement using a
current probe. The close agreement between the current
measurement techniques using the large load helps develop
confidence in the results obtained.


Numéro de pièce similaire - FAN3100C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Description similaire - FAN3100C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com