Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPI250F4BB Fiches technique(PDF) 1 Page - Sparkle Power Inc.

No de pièce SPI250F4BB
Description  250 Watts FLEX ATX Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPI [Sparkle Power Inc.]
Site Internet  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI250F4BB Fiches technique(HTML) 1 Page - Sparkle Power Inc.

  SPI250F4BB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply
Web site:
Manufacturer
com
www.sparklepower.
U
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 6A (RMS) @ 115Vac, 3A (RMS) @ 230Vac
Inrush Current: No damage.
Specification
Temperature Range: Operating: 0°C ~ +50°C; storage &
shipping: -20°C ~ +80°C
Humidity: 90% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 82% minimum.
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 150x81.5x40.5mm
/5.9x3.2x1.6inch
SPI250F4BB
(80 PLUS, RoHS Compliant)
250 Watts FLEX ATX Power Supply
Features
Complied with Flex ATX and ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by UL/CUL 60950-1,EN60950-1 2
nd (CB Report) CE
,FCC,EMC report
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
7A
14A
± 5%
50mV P-P
+5V
0.5A
8A
16A
± 5%
50mV P-P
+12V1
0.5A
7.5A
15A
± 5%
120mV P-P
+12V2
0.5A
7.5A
15A
± 5%
120mV P-P
-12V
0.05A
0.15A
0.3A
± 10%
120mV P-P
+5Vsb
0.0A
1.5A
3.0A
± 5%
50mV P-P
* +3.3V and +5V total output not exceed 90W.
* Total output for this subject power supply is 250W


Numéro de pièce similaire - SPI250F4BB

FabricantNo de pièceFiches techniqueDescription
logo
Sparkle Power Inc.
SPI2501UH SPI-SPI2501UH Datasheet
299Kb / 1P
   250 Watts ATX12V 1U Switching Power Supply
SPI250A8AG SPI-SPI250A8AG Datasheet
808Kb / 2P
   250 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
SPI250EP SPI-SPI250EP Datasheet
42Kb / 1P
   250 Watts ATX12V Switching Power Supply
SPI250U4BM8 SPI-SPI250U4BM8 Datasheet
58Kb / 1P
   250 Watts ATX12V 1U Medical Grade Power Supply
More results

Description similaire - SPI250F4BB

FabricantNo de pièceFiches techniqueDescription
logo
Sparkle Power Inc.
SPI220LE SPI-SPI220LE Datasheet
653Kb / 2P
   220/250 Watts Flex ATX Switching Power Supply
SPI220LE5 SPI-SPI220LE5 Datasheet
230Kb / 2P
   220/250 Watts Flex ATX Switching Power Supply
FSP250-60MPC SPI-FSP250-60MPC Datasheet
417Kb / 1P
   250 Watts FLEX ATX Medical Grade Power Supply
FSP250-60PLC SPI-FSP250-60PLC Datasheet
127Kb / 1P
   250 Watts SFX ATX Power Supply
SPI270LE SPI-SPI270LE Datasheet
56Kb / 1P
   270 Watts FLEX ATX Power Supply
SPI270LE2 SPI-SPI270LE2 Datasheet
40Kb / 1P
   270 Watts FLEX ATX Power Supply
SPI300F4BB SPI-SPI300F4BB Datasheet
77Kb / 1P
   300 Watts FLEX ATX Power Supply
SPI270LE5 SPI-SPI270LE5 Datasheet
36Kb / 1P
   270 Watts FLEX ATX Power Supply
SPI150F4BN SPI-SPI150F4BN Datasheet
58Kb / 1P
   150 Watts FLEX ATX Power Supply
FSP250-60GHN SPI-FSP250-60GHN Datasheet
249Kb / 1P
   250 Watts ATX12V Swithcing Power Supply
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com