Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1803 Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce 2SD1803
Description  HIGH CURRENT SWITCHING APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1803 Fiches technique(HTML) 1 Page - Unisonic Technologies

  2SD1803 Datasheet HTML 1Page - Unisonic Technologies 2SD1803 Datasheet HTML 2Page - Unisonic Technologies 2SD1803 Datasheet HTML 3Page - Unisonic Technologies 2SD1803 Datasheet HTML 4Page - Unisonic Technologies 2SD1803 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD1803
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R209-014,E
HIGH CURRENT SWITCHING
APPLICATION
DESCRIPTION
The UTC 2SD1803 applies to relay drivers, high-speed
inverters, converters, and other general high-current switching
applications.
FEATURES
*Low Collector-To-Emitter Saturation Voltage.
*High Current And High fT.
*Excellent Linearity Of hFE.
*Fast Switching Time.
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
2SD1803-x-TM3-T 2SD1803L-x-TM3-T 2SD1803G-x-TM3-T
TO-251
B
C
E
Tube
2SD1803-x-TN3-R 2SD1803L-x-TN3-R 2SD1803G-x-TN3-R
TO-252
B
C
E
Tape Reel
2SD1803-x-TN3-T
2SD1803L-x-TN3-T 2SD1803G-x-TN3-T
TO-252
B
C
E
Tube


Numéro de pièce similaire - 2SD1803

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SD1803 SANYO-2SD1803 Datasheet
135Kb / 4P
   High-Current Switching Applications
logo
Unisonic Technologies
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
logo
ON Semiconductor
2SD1803 ONSEMI-2SD1803 Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
logo
Foshan Blue Rocket Elec...
2SD1803 FOSHAN-2SD1803 Datasheet
1,020Kb / 6P
   Silicon NPN transistor in a TO-252 Plastic Package.
logo
Inchange Semiconductor ...
2SD1803 ISC-2SD1803 Datasheet
260Kb / 2P
   isc Silicon NPN Power Transistor
More results

Description similaire - 2SD1803

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
   HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com