Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GP1FMV31RK0F Fiches technique(PDF) 4 Page - Sharp Corporation

No de pièce GP1FMV31RK0F
Description  Fiber Optic Receiver Square connector Compact (without mounting hole) With shutter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1FMV31RK0F Fiches technique(HTML) 4 Page - Sharp Corporation

  GP1FMV31RK0F Datasheet HTML 1Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 2Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 3Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 4Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 5Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 6Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 7Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 8Page - Sharp Corporation GP1FMV31RK0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GP1FMV31RK0F
Measurement Method
Fig. 1 Supply Current
Sheet No.: E2-A00901EN
Fiber optic cable
GP1FMV31RK0F Device under test
Standard transmitter
Input
Vin
VCC GND
VCC
GND
Vout
VCC
Ammeter
3V
A
Judgment method
Supply voltage
VCC = 3.0 V
Optical fiber coupling light output
PC = -14.5 dBm
Input conditions
Standard transmitter input signal
15.5 Mb/s NRZ, Duty 50 % or
7.75 Mb/s bi-phase mark PRBS signal
Measured on an ammeter
(DC mean amperage)
4


Numéro de pièce similaire - GP1FMV31RK0F

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
GP1FMV31TK0F SHARP-GP1FMV31TK0F Datasheet
331Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
More results

Description similaire - GP1FMV31RK0F

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
GP1FMV51RK0F SHARP-GP1FMV51RK0F Datasheet
343Kb / 9P
   Fiber Optic Receiver Square connector Compact (without mounting hole) With shutter
GP1FMV31TK0F SHARP-GP1FMV31TK0F Datasheet
331Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
GP1FMV51TK0F SHARP-GP1FMV51TK0F Datasheet
329Kb / 8P
   Fiber Optic Transmitter Square connector Compact (without mounting hole) With shutter
GP1FAV31RK0F SHARP-GP1FAV31RK0F Datasheet
329Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
GP1FAV51RK0F SHARP-GP1FAV51RK0F Datasheet
349Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
GP1FAV31TK0F SHARP-GP1FAV31TK0F Datasheet
338Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV55TK0F SHARP-GP1FAV55TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV51TK0F SHARP-GP1FAV51TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV50RK0F SHARP-GP1FAV50RK0F Datasheet
347Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole Protection cap type
GP1FAV30RK0F SHARP-GP1FAV30RK0F Datasheet
328Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole Protection cap type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com