Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40170RGYR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40170RGYR
Description  4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40170RGYR Fiches technique(HTML) 4 Page - Texas Instruments

  TPS40170RGYR Datasheet HTML 1Page - Texas Instruments TPS40170RGYR Datasheet HTML 2Page - Texas Instruments TPS40170RGYR Datasheet HTML 3Page - Texas Instruments TPS40170RGYR Datasheet HTML 4Page - Texas Instruments TPS40170RGYR Datasheet HTML 5Page - Texas Instruments TPS40170RGYR Datasheet HTML 6Page - Texas Instruments TPS40170RGYR Datasheet HTML 7Page - Texas Instruments TPS40170RGYR Datasheet HTML 8Page - Texas Instruments TPS40170RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
TPS40170
SLUS970
– MARCH 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these specifications apply for -40
ºC ≤ TJ ≤ 125ºC, VVIN=12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VVIN
Input voltage range
4.5
60
V
ISD
Shutdown current
VENABLE < 100 mV
1
2.5
µA
IQQ
Operating current, drivers not switching
VENABLE ≥ 2 V, fSW = 300 kHz
4.5
mA
ENABLE
VDIS
ENABLE pin voltage to disable the device
100
mV
VEN
ENABLE pin voltage to enable the device
600
mV
IENABLE
ENABLE pin source current
300
nA
8-V AND 3.3-V REGULATORS
VENABLE ≥ 2 V, 8.2 V < VVIN ≤ 60 V,
VVBP
8-V regulator output voltage
7.8
8.0
8.3
V
0 mA
< IIN < 20 mA
8-V regulator dropout voltage,
4.5
< VVIN ≤ 8.2 V, VEN ≥ 2.0 V,
VDO
110
200
mV
VVIN-VVBP
IIN = 10 mA
VENABLE ≥ 2 V, 4.5 V < VVIN ≤ 60 V,
VVDD
3.3-V regulator output voltage
3.22
3.30
3.42
V
0 mA
< IIN < 5 mA
FIXED AND PROGRAMMABLE UVLO
Programmable UVLO ON voltage (at UVLO
VUVLO
VENABLE ≥ 2 V
878
900
919
mV
pin)
IUVLO
Hysteresis current out of UVLO pin
VENABLE ≥ 2 V , UVLO pin > VUVLO
4.06
5.00
6.20
µA
VBPON
VBP turn-on voltage
3.85
4.40
V
VBPOFF
VBP turn-off voltage
VENABLE ≥ 2 V, UVLO pin > VUVLO
3.60
4.05
VBPHYS
VBP UVLO Hysteresis voltage
180
400
mV
REFERENCE
TJ = 25°C, 4.5 V < VVIN ≤ 60 V
594
600
606
Reference voltage (+ input of the error
VREF
mV
amplifier)
–40°C ≤ TJ ≤ 125ºC, 4.5 V < VVIN ≤ 60 V
591
600
609
OSCILLATOR
Range (typical)
100
600
RRT = 100 kΩ, 4.5 V <VVIN ≤ 60 V
90
100
110
fSW
Switching frequency
kHz
RRT = 31.6 kΩ, 4.5 V <VVIN ≤ 60 V
270
300
330
RRT = 14.3 kΩ, 4.5 V <VVIN ≤ 60 V
540
600
660
VVALLEY
Valley voltage
0.7
1
1.2
V
KPWM
(1)
PWM Gain (VVIN / VRAMP)
4.5 V
< VVIN ≤ 60 V
14
15
16
V/V
PWM AND DUTY CYCLE
VVIN = 4.5 V, fSW = 300 kHz
100
150
tON(min)
(1)
Minimum controlled pulse
VVIN = 12 V, fSW = 300 kHz
75
100
ns
VVIN = 60 V, fSW = 300 kHz
50
80
tOFF(max)
(1)
Minimum OFF time
VVIN = 12V, fSW = 300 kHz
170
250
ns
fSW = 100 kHz, 4.5 V < VVIN ≤ 60 V
95%
DMAX
(1)
Maximum duty cycle
FSW = 300 kHz, 4.5 V < VVIN ≤ 60 V
91%
fSW = 600 kHz, 4.5 V < VVIN ≤ 60 V
82%
(1)
Ensured by design, not production tested.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS40170


Numéro de pièce similaire - TPS40170RGYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40170 TI-TPS40170 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results

Description similaire - TPS40170RGYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS40490 TI1-TPS40490 Datasheet
1Mb / 38P
[Old version datasheet]   5-V to 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
   Wide 6 V to 75 V input voltage synchronous buck controller
Rev 1 - April 2022
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com