Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40170RGYT Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40170RGYT
Description  4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40170RGYT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS40170RGYT Datasheet HTML 7Page - Texas Instruments TPS40170RGYT Datasheet HTML 8Page - Texas Instruments TPS40170RGYT Datasheet HTML 9Page - Texas Instruments TPS40170RGYT Datasheet HTML 10Page - Texas Instruments TPS40170RGYT Datasheet HTML 11Page - Texas Instruments TPS40170RGYT Datasheet HTML 12Page - Texas Instruments TPS40170RGYT Datasheet HTML 13Page - Texas Instruments TPS40170RGYT Datasheet HTML 14Page - Texas Instruments TPS40170RGYT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
8.4
8.7
9.0
9.3
9.6
9.9
10.2
10.5
10.8
11.1
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
614
620
626
632
638
644
650
656
662
668
674
680
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
525
550
575
600
625
650
675
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
Overvoltage
Undervoltage
TPS40170
www.ti.com
SLUS970
– MARCH 2011
TYPICAL CHARACTERISTICS (continued)
Figure 13. ILIM Source Current vs. Junction Temperature
Figure 14. Soft-Start Initial Offset Voltage vs. Junction
Temperature
Figure 15. VOV/VUV Power Good Threshold Voltage
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS40170


Numéro de pièce similaire - TPS40170RGYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40170 TI-TPS40170 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results

Description similaire - TPS40170RGYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS40490 TI1-TPS40490 Datasheet
1Mb / 38P
[Old version datasheet]   5-V to 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
   Wide 6 V to 75 V input voltage synchronous buck controller
Rev 1 - April 2022
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com