Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MCH3302 Datasheet(Fiches technique) 2 Page - Sanyo Semicon Device

Numéro de pièce MCH3302
Description  Ultrahigh-Speed Switching Applications
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
No.6369-2/4
MCH3302
Switching Time Test Circuit
Continued from preceding page.
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
VIN
P.G
50
G
S
ID=--500mA
RL=30Ω
VDD=--15V
VOUT
D
MCH3302
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Ttd
)
n
o
(t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S6
s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
.
9s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Ttd
)
f
f
o
(t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S6
1s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
1
=4
C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
1
=1
C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
1
=1
C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
1
=
S
G
0
=9
.
0
–5
.
1
–V
0
--2
--4
--6
--8
--10
--12
100
200
300
400
500
600
700
800
900
1000
0
--14
--16
--18
--20
RDS(on) -- VGS
Ta=25
°C
ID=--300mA
--500mA
IT01437
0
0
--0.2
--0.4
--0.6
--1.2
--1.0
--1.4
--1.6
--0.2
--0.8
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
ID -- VDS
VGS=--2.5V
--6.0V
--3.0V
--4.0V
--3.5V
IT01435
0
--1
--2
--3
--4
--5
0
--0.2
--0.6
--1.0
--1.4
--1.8
--0.4
--0.8
--1.2
--1.6
--2.0
ID -- VGS
VDS=--10V
IT01436
RDS(on) -- Ta
IT01438
ID=-
-300mA,
VGS
=--4V
ID=-
-500mA,
VGS
=--10V
--60
0
100
200
300
400
500
600
700
800
900
1200
1000
1100
--40
--20
0
20
40
60
80
100
120
160
140
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Ambient Temperature, Ta – ˚C




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
2SJ417Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
2SJ578Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK2623Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK3072Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3307Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5602Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
FW202Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
FX605Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
MCH3301Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl