Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55210IRTZ-EVALZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL55210IRTZ-EVALZ
Description  Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ-EVALZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL55210IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL55210
2
FN7811.0
March 2, 2011
Pin Configuration
ISL55210
(3x3 16 LD TQFN)
TOP VIEW
GND
NC
NC
GND
GND
VCM
FB+
VS+
1
2
3
4
56
78
9
10
11
12
13
14
15
16
+
-
VCM
Vi-
GND
GND
Vi+
FB-
VO+
VO-
VS+
PD
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1
FB+
Positive Output Feedback resistor connection
2Vi-
Inverting Amplifier Input
3Vi+
Noninverting Amplifier Input
4
FB-
Negative Output Feedback resistor connection
5, 8, 13, 16
GND
Supply Ground (Thermal Pad Electrically Connected)
6, 15
VS+
Positive power supply (3.0V~4.5V)
7PD
Power-down: PD = logic low puts part into low power mode, PD = logic high or 1kΩ to VS+ for normal operation
9VO-
Inverting Amplifier Output
10, 11
NC
No Internal Connection
12
VO+
Noninverting Amplifier Output
14
VCM
Common-mode Voltage Input
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
TRANSPORT
MEDIA, QUANTITY
PKG.
DWG. #
ISL55210IRTZ
5210
-40 to +85
16 Ld 3x3 TQFN
L16.3x3D
ISL55210IRTZ-T7
5210
-40 to +85
16 Ld 3x3 TQFN
Tape and Reel, 1000
L16.3x3D
ISL55210IRTZ-T7A
5210
-40 to +85
16 Ld 3x3 TQFN
Tape and Reel, 250
L16.3x3D
ISL55210IRTZ-EVALZ
Evaluation Board (Contact local sales)
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL55210. For more information on MSL please see techbrief TB363.


Numéro de pièce similaire - ISL55210IRTZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55210IRTZ-EVALZ INTERSIL-ISL55210IRTZ-EVALZ Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
ISL55210IRTZ-EVALZ INTERSIL-ISL55210IRTZ-EVALZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210IRTZ-EVALZ RENESAS-ISL55210IRTZ-EVALZ Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
More results

Description similaire - ISL55210IRTZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com