Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LV2105V Datasheet(Fiches technique) 4 Page - Sanyo Semicon Device

Numéro de pièce LV2105V
Description  530 MHz PLL Frequency Synthesizer LSI
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
2) Mode 2: Latch-2 data (Programmable divider data)
Serial Data (Transfer) Timing
Serial Data Explanation
Pin No.
Control block/data
Internal block
(1)
Reference frequency data
FR0 to FR1
.
Data that sets the division ratio of the reference divider.
Binary value with FR0 as the LSB. However, the settable division ratio
factor is up to 4095.
(Actual division ratio) = (Set division ratio)
(
×2: when DIV is ‘‘1’’)
(2)
1/2 divider data
DIV
.
Data that sets whether to use 1/2 DIV or to enter the through state.
DIV data
Item
0
Through
1
1/2 DIV
Continued on next page.
Mode data
Control data
Internal data
LV2105V
No.4876 -4/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
GM653560 MHz Universal Programmable Dual PLL Frequency synthesizer 1 2 3 4 5 MoreHynix Semiconductor
UPB1005GSREFERENCE FREQUENCY 16.368 MHz 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER 1 2 3 4 5 MoreNEC
UPB1005KREFERENCE FREQUENCY 16.368 MHz 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER 1 2 3 4 5 MoreNEC
TC9181PPLL FREQUENCY SYNTHESIZER LSI FOR COMMUNICATION USE 1 2 3 4 5 MoreToshiba Semiconductor
TC9223PPLL FREQUENCY SYNTHESIZER LSI FOR COMMUNICATION USE 1 2 3 4 5 MoreToshiba Semiconductor
M64894FPSERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
SM5158ASerial input PLL frequency synthesizer 1 2 3 4 5 MoreNippon Precision Circuits Inc
EVAL-ADF411XEB1Evaluation Board For PLL Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
MB15E03Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler 1 2 3 4 5 MoreFujitsu Component Limited.
MB15F07SLDual Serial Input PLL Frequency Synthesizer 1 2 3 4 5 MoreFujitsu Component Limited.

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl