Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM42-0040_V5 Fiches technique(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No de pièce AM42-0040_V5
Description  GaAs MMIC VSAT Power Amplifier 2.0 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0040_V5 Fiches technique(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM42-0040_V5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0040_V5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0040_V5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0040_V5 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
GaAs MMIC VSAT Power Amplifier 2.0 W
5.9 - 6.4 GHz
Rev. V5
AM42-0040
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Bias Configuration
4,5,6,7,8
Absolute Maximum Ratings
1,2,3
Parameter
Absolute Maximum
Input Power
+23 dBm
VDD
+12 Volts
VGG
-3 Volts
VDD - VGG
+12 Volts
IDD
1700 mA
Channel Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
3. Case Temperature (TC) = +25°C.
Electrical Specifications: TA = 25°C, VDD = +9 V, VGG adjusted for IDD = 1050 mA
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Linear Gain
PIN < -10 dBm
dB
27
30
Input VSWR
PIN < -10 dBm
Ratio
2.3:1
2.7:1
Output VSWR
PIN < -10 dBm
Ratio
3.0:1
Output Power
PIN = +10 dBm, IDD = 1050 mA Typ.
dBm
31.7
33.0
34.5
Output Power vs. Frequency
PIN = +10 dBm, IDD = 1050 mA Typ.
dB
1.0
1.5
Output Power vs. Temperature
(with respect to TA = 25°C)
PIN = +10 dBm, IDD = 1050 mA Typ.
TA = -40°C to +70°C
dB
±0.4
Drain Bias Current
PIN = +10 dBm
mA
900
1050
1100
Gate Bias Voltage
PIN = +10 dBm, IDD = 1050 mA Typ.
V
-2.4
-1.2
-0.4
Gate Bias Current
PIN = +10 dBm, IDD = 1050 mA Typ.
mA
5
20
Thermal Resistance
25°C Heat Sink
°C/W
5.6
Second Harmonic
PIN = +10 dBm, IDD = 1050 mA Typ.
dBc
-35
Third Harmonic
PIN = +10 dBm, IDD = 1050 mA Typ.
dBc
-45
VDET
V
2
4. Nominal bias is obtained by first connecting -2.4 volts to pin 5
(VGG), followed by connection +9 volts to pin 10 (VDD).
Note sequence. Adjust VGG for a drain current of 1050 mA
typical.
5. RF ground and thermal interface is the flange (case bottom).
Adequate heat sinking is required.
6. No DC bias voltage appears at the RF ports.
7. For optimum IP3 performance, the VDD bypass capacitors
should be placed within 0.5 inches of the VDD leads.
8. Resistor and capacitors surrounding the amplifier are
suggestions and not included as part of the AM42-0040.


Numéro de pièce similaire - AM42-0040_V5

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040_1 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
More results

Description similaire - AM42-0040_V5

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007_15 Datasheet
742Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com