Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL0102-100PWR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPL0102-100PWR
Description  256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0102-100PWR Fiches technique(HTML) 2 Page - Texas Instruments

  TPL0102-100PWR Datasheet HTML 1Page - Texas Instruments TPL0102-100PWR Datasheet HTML 2Page - Texas Instruments TPL0102-100PWR Datasheet HTML 3Page - Texas Instruments TPL0102-100PWR Datasheet HTML 4Page - Texas Instruments TPL0102-100PWR Datasheet HTML 5Page - Texas Instruments TPL0102-100PWR Datasheet HTML 6Page - Texas Instruments TPL0102-100PWR Datasheet HTML 7Page - Texas Instruments TPL0102-100PWR Datasheet HTML 8Page - Texas Instruments TPL0102-100PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
I
2C INTERFACE
VOLATILE
REGISTERS
NON-VOLATILE
REGISTERS
A0 A1 A2
HA
LA
HB
LB
WA
WB
VDD
VSS
GND
SDA
SCL
TPL0102
SLIS134A
– MARCH 2011 – REVISED MARCH 2011
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER TOP-SIDE MARKING
TSSOP
– PW
TPL0102-100PWR
EL-100
–40°C to 85°C
Tape and reel
MicroQFN-RUC
TPL0102-100RUCR
6N
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Table 1. Summary of Features
Feature
TPL0102-100
# of Potentiometers
2
Digital Interface
I2C
Steps
256
Wiper Memory
Non-Volatile
Taper
Linear
End-to-end Resistance
100k
End-to-end Resistance Tolerance
20%
Wiper Resistance
25
Ω (typ)
Smallest Package Size
MicroQFN (RUC): 4 mm2
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPL0102


Numéro de pièce similaire - TPL0102-100PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
More results

Description similaire - TPL0102-100PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0102-EP TI-TPL0102-EP_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Winbond
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com