Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC89977M Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC89977M
Description  CCD Delay Line for PAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89977M Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LC89977M Datasheet HTML 1Page - Sanyo Semicon Device LC89977M Datasheet HTML 2Page - Sanyo Semicon Device LC89977M Datasheet HTML 3Page - Sanyo Semicon Device LC89977M Datasheet HTML 4Page - Sanyo Semicon Device LC89977M Datasheet HTML 5Page - Sanyo Semicon Device LC89977M Datasheet HTML 6Page - Sanyo Semicon Device LC89977M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
14. Apply a 5-step staircase wave (as in the figure below) to Y-IN, and measure the luminance level (Y) and the sync
level (S) in the Y-OUT output.
S [mV]
LS = ———— × 100 [%]
Y [mV]
15. Measure the 3fsc (13.3 MHz) and fsc (4.43 MHz) components in the Y-OUT output with no input signal.
16. Measure the noise in the Y-OUT output with no input signal.
Measure the noise with a noise meter with a 200-kHz low-pass filter, a 5-MHz low-pass filter, and a 4.43-MHz trap
filter.
17. Input a 200-kHz, 400-mVp-p sine wave to Y-IN1. Let V1 be the V-OUT output when SW3 is set to the ‘c’ position,
and let V2 be the Y-OUT output when SW3 is set to the ‘b’ position.
V2 [mVp-p] – V1 [mVp-p]
ZOY = ———————————— × 500 [Ω]
V1 [mVp-p]
18. Measure the delay time in the Y-OUT output with respect to the input to Y-IN.
No. 5545-6/7
LC89977M


Numéro de pièce similaire - LC89977M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89970M SANYO-LC89970M Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89971 SANYO-LC89971 Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
LC89971M SANYO-LC89971M Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
LC89972 SANYO-LC89972 Datasheet
149Kb / 8P
   PAL CCD Delay Line???
More results

Description similaire - LC89977M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXL1511M SONY-CXL1511M Datasheet
125Kb / 14P
   CCD Delay Line for PAL
logo
Sanyo Semicon Device
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
   PAL CCD Delay Line???
LC89972M SANYO-LC89972M Datasheet
149Kb / 8P
   PAL CCD Delay Line???
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
   PAL CCD 1H Delay Line
logo
Sony Corporation
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5003M SONY-CXL5003M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com