Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC895299W Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC895299W
Description  48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895299W Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC895299W Datasheet HTML 1Page - Sanyo Semicon Device LC895299W Datasheet HTML 2Page - Sanyo Semicon Device LC895299W Datasheet HTML 3Page - Sanyo Semicon Device LC895299W Datasheet HTML 4Page - Sanyo Semicon Device LC895299W Datasheet HTML 5Page - Sanyo Semicon Device LC895299W Datasheet HTML 6Page - Sanyo Semicon Device LC895299W Datasheet HTML 7Page - Sanyo Semicon Device LC895299W Datasheet HTML 8Page - Sanyo Semicon Device LC895299W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
No. 6249-3/12
LC895299W, 895299L
Parameter
Symbol
Conditions
Applicable pins *
Ratings
Unit
min
typ
max
Input high-level voltage
VIH
TTL level inputs
1
2.2
V
Input low-level voltage
VIL
0.8
V
Input high-level voltage
VIH
TTL level inputs with pull-up resistors
7
2.2
V
Input low-level voltage
VIL
0.8
V
Input high-level voltage
VIH
TTL level inputs with pull-down resistors
2
2.2
V
Input low-level voltage
VIL
0.8
V
Input high-level voltage
VIH
TTL level inputs
3, 9
2.4
V
Input low-level voltage
VIL
Schmitt inputs
0.8
V
Input high-level voltage
VIH
TTL level inputs
19, 20
2.4
V
Input low-level voltage
VIL
Schmitt inputs with pull-up resistors
0.8
V
Input high-level voltage
VIH
CMOS level inputs
4
0.8 VDD
V
Input low-level voltage
VIL
Schmitt inputs
0.2 VDD
V
Input high-level voltage
VIH
CMOS level inputs with pull-up resistors
5
0.7 VDD
V
Input low-level voltage
VIL
0.3 VDD
V
Analog input voltage
VANI
18
1/4 VDD
3/4 VDD
V
Output high-level voltage
VOH
IOH = –2 mA
6, 17
VDD – 2.1
V
Output low-level voltage
VOL
IOL = 2 mA
0.4
V
Output high-level voltage
VOH
IOH = –8 mA
7, 8, 14
VDD – 2.1
V
Output low-level voltage
VOL
IOL = 8 mA
0.4
V
Output high-level voltage
VOH
IOH = –4 mA
9, 12, 10, 20
VDD – 2.1
V
Output low-level voltage
VOL
IOL = 24 mA
0.4
V
Output high-level voltage
VOH
IOH = –4 mA
16
VDD – 2.1
V
Output low-level voltage
VOL
IOL = 4 mA
0.4
V
Output low-level voltage
VOL
IOL = 24 mA
11, 21
0.4
V
Output low-level voltage
VOL
IOL = 1 mA
13
0.4
V
Output low-level voltage
VOL
IOL = 8 mA
15
0.4
V
Analog output voltage
VANO
22
1/4 VDD
3/4 VDD
V
Input leakage current
IIL
VI = VSS, VDD
1, 3, 4, 9
–10
+10
µA
Output leakage current
IOZ
During high-impedance output
9, 11, 13,
–10
+10
µA
14, 16, 17
Pull-up resistance
RUP
5
50
100
200
k
Pull-up resistance
RUP
7, 15
20
40
80
k
Pull-up resistance
RUP
19, 20, 21
7
10
13
k
Pull-down resistance
RDN
2
50
100
200
k
Pull-down resistance
RDN
10
7
10
13
k
DC Characteristics at Ta = 0 to +70°C, VSS = 0 V, VDD = 4.5 to 5.5 V
Note: * The applicable pin column entries refer to the following sets.
INPUT
1 :
ATPINSEL, SUA0 to SUA7
2 :
TEST0 to TEST2
3 :
DA0 to DA2, ZCS1FX, ZCS3FX, ZDIOR, ZDIOW, ZHRST, ZCS, ZRD, ZWR
4 :
ZRESET, ZDSPRST
5 :
FG
18 : AD0, AD1, PH, BH, RREC, FE, TE, VREF, CSS, AD2
19 : ZDMACK, CSEL
OUTPUT
6 :
FSEQ
8 :
HFLO, FSX, EFLG, C2F, WRQ, DIR, PCK, EFMOUT
13 : HINTRQ
11 : ZIOCS16
10 : DMARQ
13 : PDS1 to PDS3
14 : DOUT
15 : ZSWAIT, ZINT0, ZINT1
21 : IORDY
16 : DSLB, EQS, OUTPORT0 to OUTPORT2, MCK
17 : RHLD, TSH, BHH, GHS, LDON
22 : PHC, BHC, FBAL, TBAL, SGC, TOFST, TDO, FDO, SLDO, SPDO
INOUT
7 :
D0 to D7, TRV, TRV2
9 :
DD0 to DD15
20 : ZDASP, ZPDIAG
Note: XTAL, XTALCK
The above pins are not included in the DC Characteristics.


Numéro de pièce similaire - LC895299W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
More results

Description similaire - LC895299W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com