Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW707 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce FW707
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW707 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  FW707 Datasheet HTML 1Page - Sanyo Semicon Device FW707 Datasheet HTML 2Page - Sanyo Semicon Device FW707 Datasheet HTML 3Page - Sanyo Semicon Device FW707 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FW707
No.1805-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--8A
10
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--8A, VGS=--10V
20
26
RDS(on)2
ID=--4A, VGS=--4.5V
32
45
RDS(on)3
ID=--4A, VGS=--4V
36
51
Input Capacitance
Ciss
VDS=--10V, f=1MHz
900
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
240
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
160
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
8.7
ns
Rise Time
tr
See specified Test Circuit.
73
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
84
ns
Fall Time
tf
See specified Test Circuit.
74
ns
Total Gate Charge
Qg
VDS=--15V, VGS=--10V, ID=--8A
18
nC
Gate-to-Source Charge
Qgs
VDS=--15V, VGS=--10V, ID=--8A
2.1
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--15V, VGS=--10V, ID=--8A
4.7
nC
Diode Forward Voltage
VSD
IS=--8A, VGS=0V
--0.82
--1.2
V
Switching Time Test Circuit
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --8A
RL=1.87Ω
VDD= --15V
VOUT
FW707
VIN
0
--10V
VIN
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0
--8
--5
--7
--4
--6
--3
--2
--1
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT15805
0
--1.0
--0.5
--1.5
--2.0
--4.0
--3.0
--2.5
--3.5
0
--2
--4
--6
--16
--14
--12
--10
--8
IT15806
--3.0V
VDS= --10V
VGS= --2.5V


Numéro de pièce similaire - FW707

FabricantNo de pièceFiches techniqueDescription
logo
RCD COMPONENTS INC.
FW70-100-FB RCD-FW70-100-FB Datasheet
54Kb / 1P
   FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
FW70-100-GB RCD-FW70-100-GB Datasheet
54Kb / 1P
   FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
FW70-100-HB RCD-FW70-100-HB Datasheet
54Kb / 1P
   FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
FW70-100-JB RCD-FW70-100-JB Datasheet
54Kb / 1P
   FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
FW70-100-KB RCD-FW70-100-KB Datasheet
54Kb / 1P
   FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
More results

Description similaire - FW707

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com