Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC89512W Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LC89512W
Description  CD-ROM Error Correction LSI with Built-In SCSI Interface
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89512W Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LC89512W Datasheet HTML 1Page - Sanyo Semicon Device LC89512W Datasheet HTML 2Page - Sanyo Semicon Device LC89512W Datasheet HTML 3Page - Sanyo Semicon Device LC89512W Datasheet HTML 4Page - Sanyo Semicon Device LC89512W Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
No. 4852-5/5
LC89512W
Specifications
Absolute Maximum Ratings at VSS = 0 V
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V
DC Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 4.5 to 5.5 V
This catalog provides information as of February, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
Ta = 25°C
–0.3 to +7.0
V
I/O voltages
VI VO
Ta = 25°C
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
350
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering thermal stress limit (pins only)
10 seconds
260
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Input voltage range
VIN
0
VDD
V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high level voltage
VIH1
All input pins other than (1), (3), and XTALCK
2.2
V
Input low level voltage
VIL1
0.8
V
Input high level voltage
VIH2
RESET, IO0 to IO7, D0 to D7, RD, CS, WR, WFCK,
2.5
V
Input low level voltage
VIL2
SBSO and SCOR(1)
0.6
V
Input high level voltage
VIH3
ACK, ATN and the input pins (3)
2.0
V
Input low level voltage
VIL3
0.8
V
Output high level voltage
VOH1
IOH1 = –3 mA: IO0 to IO7, D0 to D7 and all output pins
2.4
V
other than (2), (3) and XTALCK
Output low level voltage
VOL1
IOL1 = 3 mA: IO0 to IO7, D0 to D7 and all output pins
0.4
V
other than (2), (3) and XTALCK
Output low level voltage
VOL2
IOL2 = 3 mA: INT1 and INT0
0.4
V
(pull-up resistor open drain) (2)
Output low level voltage
VOL3
IOL3 = 48 mA: DB0 to DB7, DBP, BSY, I/O, MSG, SEL,
0.4
V
RST, REQ, C/D (2)
Input leakage current
IL
VI = VSS, VDD: All input pins
–25
+25
µA
Pull-up resistance
RUP
IO0 to IO7, D0 to D7, INT1 and INT0
40
80
160
k


Numéro de pièce similaire - LC89512W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
More results

Description similaire - LC89512W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC895170W SANYO-LC895170W Datasheet
117Kb / 5P
   CD-ROM Error Correction LSI
LC89515K SANYO-LC89515K Datasheet
57Kb / 6P
   CD-ROM/CD-I Error Correction/ Host Interface LSI
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC89513K SANYO-LC89513K Datasheet
108Kb / 4P
   CD-ROM Error Correction LSI for Integrated Host CPU System
logo
NXP Semiconductors
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
   Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7388 PHILIPS-SAA7388 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 26
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com