Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC8901 Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC8901
Description  Digital Audio Interface Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8901 Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC8901 Datasheet HTML 2Page - Sanyo Semicon Device LC8901 Datasheet HTML 3Page - Sanyo Semicon Device LC8901 Datasheet HTML 4Page - Sanyo Semicon Device LC8901 Datasheet HTML 5Page - Sanyo Semicon Device LC8901 Datasheet HTML 6Page - Sanyo Semicon Device LC8901 Datasheet HTML 7Page - Sanyo Semicon Device LC8901 Datasheet HTML 8Page - Sanyo Semicon Device LC8901 Datasheet HTML 9Page - Sanyo Semicon Device LC8901 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C
Allowable Operating Ranges
DC Characteristics at Ta = –30 to +75°C, VDD = 4.5 to 5.5 V
Note: 1. Input pins other than the data input pins DIN1, DIN2, DIN3, and DIN4, and the XMODE pin
2. XMODE pin
3. When VDD = 5.0 V, Ta = 25°C, and the input data FS is 48 kHz
4. At the conditions prior to the input capacitance of the data input pins DIN1, DIN2, DIN3, and DIN4
AC Characteristics at Ta = –30 to +75°C, VDD = 4.5 to 5.5 V
Note: Load capacitance: Each pin has a load capacitance of 30 pF.
No. 4079-6/15
LC8901, 8901Q
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Maximum input voltage
VIN max
–0.3 to VDD + 0.3
V
Maximum output voltage
VOUT max
–0.3 to VDD + 0.3
V
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–55 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Operating temperature
Topr
–30
+75
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high-level voltage
VIH
*1
2.2
VDD + 0.3
V
Input low-level voltage
VIL
*1
–0.3
0.8
V
Input high-level voltage
VIH
*2
0.8 VDD
VDD + 0.3
V
Input low-level voltage
VIL
*2
–0.3
0.2 VDD
V
Output high-level voltage
VOH
IOH = –1 µA
VDD – 0.05
V
Output low-level voltage
VOL
IOL = +1 µA
VSS + 0.05
V
Current drain
IDD
*3
10
20
30
mA
Input amplitude
VIN
*4
0.4
VDD + 0.3
Vp-p
Parameter
Symbol
Conditions
min
typ
max
Unit
Output pulse width
tWBO
fs = 48 kHz
160
ns
Output setup time
tDSO
80
ns
Output data hold time
tDHO
80
ns
Output delay for high
tbdH
–10
0
10
ns
Output delay for low
tbdL
–10
0
10
ns


Numéro de pièce similaire - LC8901

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC8900KQ SANYO-LC8900KQ Datasheet
146Kb / 12P
   Digital Audio Interface Receiver
LC8902 SANYO-LC8902 Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8902Q SANYO-LC8902Q Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC8904 SANYO-LC8904 Datasheet
322Kb / 20P
   Digital Audio Interface Receiver
More results

Description similaire - LC8901

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com