Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC867108 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC867108
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC867108 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC867108 Datasheet HTML 1Page - Sanyo Semicon Device LC867108 Datasheet HTML 2Page - Sanyo Semicon Device LC867108 Datasheet HTML 3Page - Sanyo Semicon Device LC867108 Datasheet HTML 4Page - Sanyo Semicon Device LC867108 Datasheet HTML 5Page - Sanyo Semicon Device LC867108 Datasheet HTML 6Page - Sanyo Semicon Device LC867108 Datasheet HTML 7Page - Sanyo Semicon Device LC867108 Datasheet HTML 8Page - Sanyo Semicon Device LC867108 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LC86P7148
No.6692-4/21
How to use
(1) Specification of option
The LC86P7148 must be programmed after specifying option data.
The option is specified by “SU86K.EXE”.
The
specified option file and the file created by our macro assembler “M86K.EXE” are linked by our linkage loader
“L86K.EXE” which creates .HEX file, then the option code is put in the option specified area (0FF00H to 0FFFFH) of
its .HEX file.
(2) How to program for the EPROM
The LC86P7148 can be programmed by EPROM programmer with attachment ; W86EP7148Q
• Recommended EPROM programmer
Productor
EPROM programmer
Advantest
R4945, R4944, R4943
Andou
AF-9704
AVAL
PKW-1100, PKW-3000
Minato electronics
MODEL1890A
• “27512 (Vpp=12.5V) Intel high speed programming” mode available.
The address must be set to “0 to 0FFFFH” and a
jumper (DASEC) must be set to ‘OFF’ at programming.
(3) How to use the data security function
“Data security” is the disabled function to read the data of the EPROM.
The following is the process in order to execute the data security.
1. Set ‘ON’ the jumper of attachment.
2. Program again.
Then EPROM programmer displays the error.
The error means normally activity of the data
security.
It is not a trouble of the EPROM programmer or the LSI.
Notes
• Data security is not executed when the data of all address have ‘FFH’ at the sequence 2 above.
• The programming by a sequential operation “BLANK=>PROGRAM=>VERIFY” cannot be executed data security at the
sequence 2 above.
• Set to ‘OFF’ the jumper after executing the data security.
W86EP7148Q
Data security
Not data security


Numéro de pièce similaire - LC867108

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC867108 SANYO-LC867108 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results

Description similaire - LC867108

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com