Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC867116 Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC867116
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC867116 Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC867116 Datasheet HTML 6Page - Sanyo Semicon Device LC867116 Datasheet HTML 7Page - Sanyo Semicon Device LC867116 Datasheet HTML 8Page - Sanyo Semicon Device LC867116 Datasheet HTML 9Page - Sanyo Semicon Device LC867116 Datasheet HTML 10Page - Sanyo Semicon Device LC867116 Datasheet HTML 11Page - Sanyo Semicon Device LC867116 Datasheet HTML 12Page - Sanyo Semicon Device LC867116 Datasheet HTML 13Page - Sanyo Semicon Device LC867116 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC86P7148
No.6692-10/21
2. Recommended Operating Range at Ta=-30
°C to +70°C, VSS=VSS1=VSS2=VSS3=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
VDD(1)
0.98
µs ≤ tCYC
≤ 400µs
4.5
6.0
Operating
supply voltage
range
VDD(2)
VDD1,VDD2,VDD3
3.9
µs ≤ tCYC
≤ 400µs
2.5
6.0
Hold voltage
VHD
VDD1,VDD2,VDD3
RAMs and the
registers hold
voltage at HOLD
mode.
2.0
6.0
VIH(1)
Port 0
Output disable
4.5-6.0
0.
4VDD
+0.9
VDD
VIH(2)
•Ports 1, 9
•Ports A, B, C, D
•Ports 72, 73 (Schmitt)
Output disable
4.5-6.0
0.75VDD
VDD
VIH(3)
•Port 70
Port input/interrupt
•Port 71
RES
(Schmitt)
Output N-channel
Tr. OFF
4.5-6.0
0.75VDD
VDD
VIH(4)
Port 70
Watchdog timer
Output N-channel
Tr. OFF
4.5-6.0
0.9VDD
VDD
Input high
voltage
VIH(5)
•Port 8
•Ports 74, 75
Using as port
4.5-6.0
0.75VDD
VDD
VIL(1)
Port 0
Output disable
4.5-6.0
VSS
0.2VDD
VIL(2)
•Ports 1, 9
•Ports A, B, C, D
•Ports 72, 73 (Schmitt)
Output disable
4.5-6.0
VSS
0.25VDD
VIL(3)
•Port 70
Port input/interrupt
•Port 71
RES
(Schmitt)
Output N-channel
Tr. OFF
4.5-6.0
VSS
0.25VDD
VIL(4)
Port 70
Watchdog timer
Output N-channel
Tr. OFF
4.5-6.0
VSS
0.
8VDD
-1.0
Input low
voltage
VIL(5)
•Port 8
•Ports 74, 75
Using as port
4.5-6.0
VSS
0.25VDD
V
Operation
cycle time
tCYC
4.5-6.0
0.98
400
µs


Numéro de pièce similaire - LC867116

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC867116 SANYO-LC867116 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results

Description similaire - LC867116

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com