Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC876564A Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LC876564A
Description  8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876564A Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LC876564A Datasheet HTML 1Page - Sanyo Semicon Device LC876564A Datasheet HTML 2Page - Sanyo Semicon Device LC876564A Datasheet HTML 3Page - Sanyo Semicon Device LC876564A Datasheet HTML 4Page - Sanyo Semicon Device LC876564A Datasheet HTML 5Page - Sanyo Semicon Device LC876564A Datasheet HTML 6Page - Sanyo Semicon Device LC876564A Datasheet HTML 7Page - Sanyo Semicon Device LC876564A Datasheet HTML 8Page - Sanyo Semicon Device LC876564A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LC876572A/64A
No.6716-2/23
(4) Minimum Instruction Cycle Time: 300 ns (10MHz)
(5) Ports
- Input/output ports
Data direction programmable for each bit individually :
20 (P1n, P70 to P73, P8n)
- 15V withstand input/output ports
Data direction programmable in nibble units :
8 (P0n)
(When N-channel open drain output is selected, data can be input in bit units.)
Data direction programmable for each bit individually :
8 (P3n)
- Input ports :
2 (XT1,XT2)
- VFD output ports
Large current outputs for digits :
9 (S0 / T0 to S8 / T8)
Large current outputs for digits / segments :
7 (S9 / T9 to S15 / T15)
digit / segment outputs :
8 (S16 to S23)
segment outputs :
28 (S24 to S51)
Other functions
Input/output ports :
12(PFn, PG0 to 3)
Input ports :
24 (PCn, PDn, PEn)
- Oscillator pins :
2 (CF1,CF2)
- Reset pin :
1 (RES#)
- Power supply :
6 (VSS1 to 2, VDD1 to 4)
- VFD power supply :
1 (VP)
(6) VFD automatic display controller
- Programmable segment/digit output pattern
Output can be switched between digit/segment waveform output (pins 9?u24 can be used for output of digit
waveforms.
parallel-drive available for large current VFD.
- 16-step dimmer function available
(7) Weak signal detection (MIC signals etc)
- Counts pulses with width greater than a preset value
- 2 bit counter
(8) Timers
- Timer 0: 16 bit timer / counter with capture register
Mode 0: 2 channel 8-bit timer with programmable 8 bit prescaler and 8 bit capture register
Mode 1: 8 bit timer with 8 bit programmable prescaler and 8 bit capture register + 8 bit
Counter with 8-bit capture register
Mode 2: 16 bit timer with 8 bit programmable prescaler and 16 bit capture register
Mode 3: 16 bit counter with 16 bit capture register
- Timer 1: PWM / 16 bit timer toggle output
Mode 0: 2 channel 8 bit timer (with toggle output)
Mode 1: 2 channel 8 bit PWM
Mode 2: 16 bit timer (with toggle output) Toggle output also possible using lower order 8 bits.
Mode 3: 16 bit timer (with toggle output) Lower order 8 bits can be used as PWM output.
- Base Timer
1) The clock signal can be selected from any of the following :
Sub-clock (32.768kHz crystal oscillator), system clock, and prescaler output from timer 0
2) Interrupts can be selected to occur at one of five different times.


Numéro de pièce similaire - LC876564A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC876580B SANYO-LC876580B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results

Description similaire - LC876564A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com