Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC875064B Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LC875064B
Description  8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875064B Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LC875064B Datasheet HTML 1Page - Sanyo Semicon Device LC875064B Datasheet HTML 2Page - Sanyo Semicon Device LC875064B Datasheet HTML 3Page - Sanyo Semicon Device LC875064B Datasheet HTML 4Page - Sanyo Semicon Device LC875064B Datasheet HTML 5Page - Sanyo Semicon Device LC875064B Datasheet HTML 6Page - Sanyo Semicon Device LC875064B Datasheet HTML 7Page - Sanyo Semicon Device LC875064B Datasheet HTML 8Page - Sanyo Semicon Device LC875064B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LC875064B/56B/48B
No.6714-2/26
(2) Random Access Memory (RAM)
- 2048
× 8 bits (LC875064B/56B/48B)
(3) Bus Cycle Time
- 100ns (10MHz)
Note: The bus cycle time indicates ROM read time.
(4) Minimum Instruction Cycle Time
: 300ns (10MHz)
(5) Ports
- Input/output ports
Each bit data direction programmable
51 (P1n, P2n, P70 to P73, P80 to P82, PA2 to PA5,
PBn, PCn)
Nibble data direction programmable
8
(P0n)
- Input ports
2
(XT1,XT2)
- PWM Output ports
2
(PWM0,PWM1)
- Oscillator pins
2
(CF1,CF2)
- Reset pin
1
( RES )
- Power supply
6
(VSS1 to 3,VDD1 to 3)
(6) Timers
- Timer0: 16 bit timer/counter with capture register
Mode 0:
2 channel 8 bit timer with programmable 8 bit prescaler and 8 bit capture register
Mode 1:
8 bit timer with 8 bit programmable prescaler and 8 bit capture register + 8 bit counter with 8 bit
capture register
Mode 2:
16 bit timer with 8 bit programmable prescaler and 16 bit capture register
Mode 3:
16 bit counter with 16 bit capture register
- Timer1: PWM/16 bit timer/counter (with toggle output)
Mode 0:
8 bit timer (with toggle output) + 8 bit timer counter (with toggle output)
Mode 1:
2 channel 8 bit PWM
Mode 2:
16 bit timer/counter (with toggle output)
Mode 3:
16 bit timer (with toggle output) Lower order 8 bits can be used as PWM output.
- Base timer
1. The clock signal can be selected from any of the following: sub-clock (32.768kHz crystal oscillator), system
clock, and prescaler output for timer 0.
2. Interrupts can be selected to occur at one of five different times.
(7) SIO
- SIO0: 8 bit synchronous serial interface
1. LSB first/MSB first function available
2. Internal 8-bit baud-rate generator (maximum transmit clock period 4/3 TCYC)
3. Continuous automatic data communications (1 - 256 bits)
- SIO1: 8 bit asynchronous/synchronous serial interface
Mode 0:
Synchronous 8 bit serial IO (2-wire or 3-wire, transmit clock 2 - 512 TCYC)
Mode 1:
Asynchronous serial IO (half duplex, 8 data bits, 1 stop bit, baud rate 8 - 2048 TCYC)
Mode 2:
Bus mode 1 (start bit, 8 data bits, transmit clock 2 - 512 TCYC)
Mode 3:
Bus mode 2 (start detection, 8 data bits, stop detection)
(8) AD converter
- 8-bits
× 3-channels
(9) PWM
- 2 channel synchronous variable 12 bit PWM
(10) Parallel interface
- RS, RD , WR , CS0 - CS2 Outputs (reversible polarity)
- read/write possible in 1 TCYC


Numéro de pièce similaire - LC875064B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
More results

Description similaire - LC875064B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com