Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC866428 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC866428
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866428 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC866428 Datasheet HTML 1Page - Sanyo Semicon Device LC866428 Datasheet HTML 2Page - Sanyo Semicon Device LC866428 Datasheet HTML 3Page - Sanyo Semicon Device LC866428 Datasheet HTML 4Page - Sanyo Semicon Device LC866428 Datasheet HTML 5Page - Sanyo Semicon Device LC866428 Datasheet HTML 6Page - Sanyo Semicon Device LC866428 Datasheet HTML 7Page - Sanyo Semicon Device LC866428 Datasheet HTML 8Page - Sanyo Semicon Device LC866428 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LC86P6449
No.6689-3/22
• A kind of the option not corresponding of the LC86P6449
A kind of option
Pins, Circuits
LC86P6449
LC866448/44/40/36/32/28/24/20/16/12/08
Pull-down resistor of
the high voltage
Withstand output terminals
•S0/T0 to S6/T6
•S16 to S27
•S28 to S37
Not provided
Provided (fixed)
Not provided
Specified by the option
Specified by the option
Specified by the option
(2) Option
The option data is created by the option specified program “SU86K.EXE”.
The created option data is linked to the
program area by linkage loader “L86K.EXE”.
(3) ROM space
LC86P6449 and LC866400 series use 256 bytes that is addressed on 0FF00H to 0FFFFH in the program memory as the
option specified data area.
These program memory capacity are 61440 bytes that is addressed on 0000H to BFFFH.
0FFFFH
0FF00H
0EFFFH
0DFFFH
0CFFFH
0BFFFH
0AFFFH
9FFFH
8FFFH
7FFFH
6FFFH
5FFFH
4FFFH
3FFFH
2FFFH
1FFFH
0FFFH
0000H
The option specified
area 256 bytes
Program area
48K bytes
LC866448
The option
specified area
Program area
44K bytes
LC866444
The option
specified area
Program area
40K bytes
LC866440
The option
specified area
Program area
36K bytes
LC866436
The option
specified area
Program area
32K bytes
LC866432
The option
specified area
Program area
28K bytes
LC866428
0FFFFH
0FF00H
0EFFFH
0DFFFH
0CFFFH
0BFFFH
0AFFFH
9FFFH
8FFFH
7FFFH
6FFFH
5FFFH
4FFFH
3FFFH
2FFFH
1FFFH
0FFFH
0000H
The option
specified area
Program area
24K bytes
LC866424
The option
specified area
Program area
20K bytes
LC866420
The option
specified area
Program area
16K bytes
LC866416
The option
specified area
Program area
12K bytes
LC866412
The option
specified area
Program area
8K bytes
LC866408


Numéro de pièce similaire - LC866428

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC866428 SANYO-LC866428 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866428A SANYO-LC866428A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866428B SANYO-LC866428B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC866428

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com