Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC865608 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC865608
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865608 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC865608 Datasheet HTML 1Page - Sanyo Semicon Device LC865608 Datasheet HTML 2Page - Sanyo Semicon Device LC865608 Datasheet HTML 3Page - Sanyo Semicon Device LC865608 Datasheet HTML 4Page - Sanyo Semicon Device LC865608 Datasheet HTML 5Page - Sanyo Semicon Device LC865608 Datasheet HTML 6Page - Sanyo Semicon Device LC865608 Datasheet HTML 7Page - Sanyo Semicon Device LC865608 Datasheet HTML 8Page - Sanyo Semicon Device LC865608 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
91400 RM (IM) HK No.6688-1/23
Ver.1.01
22699
Preliminary
Overview
The LC86P5632 is a CMOS 8-bit single chip microcontroller with one-time PROM for the LC865600 series.
This microcontroller has the function and the pin description of the LC865600 series mask ROM version, and 32K-byte
PROM.
DIP/QFP package are available for shipping as well as LC865600 series. It is suitable to set up first release, prototyping,
developing and testing of set.
Features
(1) Option switching by PROM data
The option function of the LC865600 series can be specified by the PROM data.
LC86P5632 can be checked the function of the trial pieces using the mass production board.
(2) Internal one-time PROM capacity
: 32768 bytes
(3) Internal RAM capacity
:
512 bytes
Used PROM or RAM capacity are equal ROM or RAM capacity of mask ROM version which applies LC86P5632.
Mask ROM version
PROM capacity
RAM capacity
LC865632
32512 bytes
512 bytes
LC865628
28672 bytes
512 bytes
LC865624
24576 bytes
512 bytes
LC865620
20480 bytes
384 bytes
LC865616
16384 bytes
384 bytes
LC865612
12288 bytes
384 bytes
LC865608
8192 bytes
384 bytes
Programming service
We offers various services at nominal charges.
These include the ROM writing, the ROM reading, the package stamping
and the screening.
Contact our representative for further information.
8-Bit Single Chip Microcontroller
with One-Time Programmable PROM
LC86P5632
Ordering number : ENN*6688
CMOS IC


Numéro de pièce similaire - LC865608

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC865608 SANYO-LC865608 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865608A SANYO-LC865608A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC865608

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com