Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC865632 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC865632
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865632 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC865632 Datasheet HTML 1Page - Sanyo Semicon Device LC865632 Datasheet HTML 2Page - Sanyo Semicon Device LC865632 Datasheet HTML 3Page - Sanyo Semicon Device LC865632 Datasheet HTML 4Page - Sanyo Semicon Device LC865632 Datasheet HTML 5Page - Sanyo Semicon Device LC865632 Datasheet HTML 6Page - Sanyo Semicon Device LC865632 Datasheet HTML 7Page - Sanyo Semicon Device LC865632 Datasheet HTML 8Page - Sanyo Semicon Device LC865632 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LC86P5632
No.6688-4/23
(3) ROM space
(4) Ordering information
1. When ordering the identical mask ROM and PROM devices simultaneously.
Provide an EPROM containing the target memory contents together with the separate order forms for each of the
mask ROM and PROM versions.
2. When ordering a PROM device.
Provide an EPROM containing the target memory contents together with an order form.
How to use
(1) Specification of option
Programming data for PROM of the LC86P5632 is required.
Debugged evaluation file (EVA file) must be converted to an INTEL-HEX formatted file (HEX file) with file converter
program, EVA2HEX.EXE.
The HEX file is used as the programming data for the LC86P5632.
(2) How to program for the PROM
LC86P5632 can be programmed by the EPROM programmer with attachment ; W86EP5032D,
W86EP5032Q.
• Recommended EPROM programmer
Productor
EPROM programmer
Advantest
R4945, R4944, R4943
Andou
AF-9704
AVAL
PKW-1100, PKW-3000
Minato electronics
MODEL 1890A
• “27512 (Vpp=12.5V) Intel high speed programming” mode available.
The address must be set to
“0000H to 7FFFH” and a jumper (DASEC) must be set to ‘OFF’ at programming.
(3) How to use the data security function
“Data security” is the disabled function to read the data of the PROM.
The following is the process in order to execute the data security.
1. Set ‘ON’ the jumper of attachment.
2. Program again. Then EPROM programmer displays the error.
The error means normally activity of the data
security. It is not a trouble of the EPROM programmer or the LSI.
7FFFH
7F00H
7EFFH
6FFFH
5FFFH
4FFFH
3FFFH
2FFFH
1FFFH
0000H
Program area
32K bytes
Option data
area 256 bytes
LC865632
Program area
28K bytes
Option
Data Area
LC865628
Program area
24K bytes
Option
Data Area
LC865624
Program area
20K bytes
Option
Data Area
LC865620
Program area
16K bytes
Option
Data Area
LC865616
Program area
12K bytes
Option
Data Area
LC865612
Program area
8K bytes
Option
Data Area
LC865608


Numéro de pièce similaire - LC865632

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC865632 SANYO-LC865632 Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
LC865632 SANYO-LC865632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865632A SANYO-LC865632A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC865632

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com