Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC866416 Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC866416
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866416 Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC866416 Datasheet HTML 5Page - Sanyo Semicon Device LC866416 Datasheet HTML 6Page - Sanyo Semicon Device LC866416 Datasheet HTML 7Page - Sanyo Semicon Device LC866416 Datasheet HTML 8Page - Sanyo Semicon Device LC866416 Datasheet HTML 9Page - Sanyo Semicon Device LC866416 Datasheet HTML 10Page - Sanyo Semicon Device LC866416 Datasheet HTML 11Page - Sanyo Semicon Device LC866416 Datasheet HTML 12Page - Sanyo Semicon Device LC866416 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LC86E6449
No.6746-9/22
Pin name
I/O
Function description
Option
EPROM mode
PORT8
P80 to 87
I
•8-bit input port
•Other function
AD input port (8 port pins)
-
-
S0/T0 to
S6/T6
*6
O
Output for VFD display controller
Segment/timing in common
-
-
S7/T7 to
S15/T15
*7
O
•Output for VFD display controller
Segment/timing with internal pull-down
resistor in common
-
TA (*5)
S16 to S31
*8
I/O
•Output for VFD display controller Segment
output
•Other function
S16 : High voltage input port PC0
S17 : High voltage input port PC1
S18 : High voltage input port PC2
S19 : High voltage input port PC3
S20 : High voltage input port PC4
S21 : High voltage input port PC5
S22 : High voltage input port PC6
S23 : High voltage input port PC7
S24 : High voltage input port PD0
S25 : High voltage input port PD1
S26 : High voltage input port PD2
S27 : High voltage input port PD3
S28 : High voltage input port PD4
S29 : High voltage input port PD5
S30 : High voltage input port PD6
S31 : High voltage input port PD7
-
•Address input
A15 to A0
•EPROM
control
signal input
S32 to S37
*9
I/O
•Output for VFD display controller Segment
•Other function
S32 : High voltage I/O port PE0
S33 : High voltage I/O port PE1
S34 : High voltage I/O port PE2
S35 : High voltage I/O port PE3
S36 : High voltage I/O port PE4
S37 : High voltage I/O port PE5
-
-
RES
I
Reset pin
-
-
XT1/ P74
I
•Input pin for 32.768kHz crystal oscillation
•Other function
XT1 : Input port P74
In case of non use, connect to VDD1.
-
-
XT2/P75
O
•Output pin for 32.768kHz crystal oscillation
•Other function
XT2 : Input port P75
In case of non use, connect to VDD1 at using
as port or unconnect at using as oscillation.
-
-


Numéro de pièce similaire - LC866416

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC866416 SANYO-LC866416 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866416A SANYO-LC866416A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866416A SANYO-LC866416A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866416B SANYO-LC866416B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC866416

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com