Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL4-16-50 Fiches technique(PDF) 1 Page - Rhombus Industries Inc.

No de pièce SL4-16-50
Description  SL4 Series Single-In-Line Passive Single Output 50 W Impedance Delays
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RHOMBUS-IND [Rhombus Industries Inc.]
Site Internet  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SL4-16-50 Fiches technique(HTML) 1 Page - Rhombus Industries Inc.

  SL4-16-50 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
www.rhombus-ind.com
1 OF 1
01/09/98
SL4 Series Single-In-Line
Passive Single Output
50
Ω Impedance Delays
TEST CONDITIONS
(Measurements made at 25OC)
Input Rise Time ............................................................... 2.0 ns max.
Input Pulse Period .................................................................. 500 ns
Input Pulse Width .................................................................. 1000 ns
OPERATING SPECIFICATIONS
Pulse Overshoot (Pos) .......................................... 5% to 10%, typical
Pulse Distortion (S) ........................................................... 3% typical
Attenuation ............................................................. 0.5 dB maximum
Working Voltage ................................................... 25 VDC maximum
Dielectric Strength ................................................ 100VDC minimum
Insulation Resistance ..................... 1,000 Megohms min. @ 100VDC
Temperature Coefficient ....................................... 70 ppm/OC, typical
Band Width (f
C) ............................................................ .35/tr approx.
Operating Temperature Range ................................... -55O to +125OC
Storage Temperature Range ................................... -65O to +150OC
ENVIRONMENTAL
All units are designed to meet the applicable portions of MIL-D-23859,
MIL-D-83531 and are capable of meeting the environmental require-
ments of MIL-STD-202 for moisture resistance, vibration shock,
humidity and life.
Physical Dimensions
inches (mm)
SL4 Schematic Diagram
Electrical Specifications at 25OC 1, 2, 3
.
.010
(0.25)
TYP.
.200
(5.08)
MAX.
.275
(6.99)
MAX.
.800
(20.32)
MAX.
.120
(3.05)
MIN.
.030
(0.76)
TYP.
.100
(2.54)
.020
(0.51)
TYP.
TYP.
.400
(10.16)
1. Delays measured at 50% Level on the Leading Edge
2. Impedance, Z
0 , 50 Ohms + 10 %
3. Output terminated to ground through R
L = Z0
1
COM
2
6
100%
7
IN
COM
Delay
(ns)
Rise Time
10% - 90%
max. (ns)
DCR
max.
(Ohms)
7-Pin SIP Style
Single 55 Ohm P/N
1.0 ± 0.2
1.0
0.3
SL 4 -
1 - 50
1.5 ± 0.3
1.0
0.3
SL 4 - 1P5 - 50
2.0 ± 0.5
1.0
0.3
SL 4 -
2 - 50
2.5 ± 0.6
1.0
0.4
SL 4 - 2P5 - 50
3.0 ± 0.6
1.0
0.4
SL 4 -
3 - 50
3.5 ± 0.7
1.0
0.5
SL 4 - 3P5 - 50
4.0 ± 0.8
1.0
0.5
SL 4 -
4 - 50
4.5 ± 0.8
1.0
0.6
SL 4 - 4P5 - 50
5.0 ± 1.0
1.0
0.7
SL 4 -
5 - 50
6.0 ± 1.0
1.5
0.8
SL 4 -
6 - 50
7.0 ± 1.0
1.6
0.8
SL 4 -
7 - 50
7.5 ± 1.0
1.7
0.9
SL 4 - 7P5 - 50
8.0 ± 1.0
1.8
0.9
SL 4 -
8 - 50
9.0 ± 1.0
1.9
0.9
SL 4 -
9 - 50
10 ± 1.0
2.0
1.0
SL 4 - 10 - 50
11 ± 1.0
2.2
1.1
SL 4 - 11 - 50
12 ± 1.0
2.4
1.2
SL 4 - 12 - 50
13 ± 1.0
2.8
1.3
SL 4 - 13 - 50
14 ± 1.0
3.0
1.5
SL 4 - 14 - 50
15 ± 1.0
3.0
1.6
SL 4 - 15 - 50
16 ± 1.0
3.3
1.6
SL 4 - 16 - 50
20 ± 1.0
4.0
1.7
SL 4 - 20 - 50
25 ± 1.3
5.0
1.7
SL 4 - 25 - 50
30 ± 1.5
9.0
1.7
SL 4 - 30 - 50
35 ± 1.8
10.5
1.8
SL 4 - 35 - 50
40 ± 2.0
12.5
1.8
SL 4 - 40 - 50
50 ± 2.5
15.0
1.8
SL 4 - 50 - 50
50 Ohm
SL4 Series


Numéro de pièce similaire - SL4-16-50

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
SL4 COOPER-SL4 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Rectron Semiconductor
SL40 RECTRON-SL40 Datasheet
278Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
System Logic Semiconduc...
SL4001B SLS-SL4001B Datasheet
31Kb / 4P
   Quad 2-Input NOR Gate
SL4001BD SLS-SL4001BD Datasheet
31Kb / 4P
   Quad 2-Input NOR Gate
SL4001BN SLS-SL4001BN Datasheet
31Kb / 4P
   Quad 2-Input NOR Gate
More results

Description similaire - SL4-16-50

FabricantNo de pièceFiches techniqueDescription
logo
Rhombus Industries Inc.
SL2C-5-50 RHOMBUS-IND-SL2C-5-50 Datasheet
15Kb / 1P
   5.0ns Delay 50 Ohm Impedance Single-in-Line Delay Module
logo
Mitel Networks Corporat...
PDSP16488A MITEL-PDSP16488A Datasheet
412Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488AMA MITEL-PDSP16488AMA Datasheet
237Kb / 30P
   Single Chip 2D Convolver with Integral Line Delays
logo
PCA ELECTRONICS INC.
EP9793-0.0 PCA-EP9793-0.0 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP9793-XX PCA-EP9793-XX_15 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP123101 PCA-EP123101 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
EPA3643-0.0 PCA-EPA3643-0.0 Datasheet
37Kb / 1P
   7 Pin Single-in-Line Passive Delay Lines
EP123XXX PCA-EP123XXX_15 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
logo
Zarlink Semiconductor I...
PDSP16488A ZARLINK-PDSP16488A Datasheet
462Kb / 33P
   Single Chip 2D Convolver with Integral Line Delays
PDSP16488AMA ZARLINK-PDSP16488AMA Datasheet
292Kb / 30P
   Single Chip 2D Convolver with Integral Line Delays
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com