Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC865628 Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC865628
Description  8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865628 Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC865628 Datasheet HTML 5Page - Sanyo Semicon Device LC865628 Datasheet HTML 6Page - Sanyo Semicon Device LC865628 Datasheet HTML 7Page - Sanyo Semicon Device LC865628 Datasheet HTML 8Page - Sanyo Semicon Device LC865628 Datasheet HTML 9Page - Sanyo Semicon Device LC865628 Datasheet HTML 10Page - Sanyo Semicon Device LC865628 Datasheet HTML 11Page - Sanyo Semicon Device LC865628 Datasheet HTML 12Page - Sanyo Semicon Device LC865628 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LC86E5632
No.6744-9/21
Pin name
I/O
Function description
Option
PROM mode
PORT8
P80 to 87
I
•8-bit input port
•Other function
AD input port (AN7 to AN0)
-
-
RES
I
Reset pin
-
-
TEST1
O
Test pin
Should be left unconnected.
-
-
XT1/ P74
I
•Input pin for 32.768kHz crystal oscillation
•Other function : Input port P74
In case of non use, connect to VDD.
-
-
XT2
O
•Output pin for 32.768kHz crystal oscillation
•Other function
In case of non use, should be left unconnected.
-
-
CF1
I
Input pin for the ceramic resonator oscillation
-
-
CF2
O
Output pin for the ceramic resonator oscillation
-
-
♦ All of port options can be specified in bit unit.
*1
Memory select input for data security
*2
Output enable input
*3
Chip enable input
*4
TA ! PROM control signal input
*5
A14 ! Address input
* Connect like the following figure to reduce noise into a VDD terminal.
Short-circuit the VDD terminal to the VDDVPP terminal.
Short-circuit the VSS terminal to the VSS terminal.
LSI
VDD
VDDVPP
VSS
VSS
Power
Supply


Numéro de pièce similaire - LC865628

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC865628 SANYO-LC865628 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC865628A SANYO-LC865628A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC865628

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com