Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC1G32 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce 74AHC1G32
Description  SINGLE 2 INPUT POSITIVE OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G32 Fiches technique(HTML) 1 Page - Diodes Incorporated

  74AHC1G32 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G32 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G32 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G32 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G32 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G32 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G32 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G32 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74AHC1G32
SINGLE 2 INPUT POSITIVE OR GATE
74AHC1G32
Document number: DS35174 Rev. 1 - 2
1 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Description
The 74AHC1G32 is a single 2-input positive OR gate with a
standard push-pull output. The device is designed for
operation with a power supply range of 2.0V to 5.5V. The
gate performs the positive Boolean function:
B
A
Y
+
=
or
B
A
Y
=
Pin Assignments
SOT25 / SOT353
A
GND
Y
Vcc
(Top View)
5
4
3
2
1
B
Features
Supply Voltage Range from 2.0V to 5.5V
± 8 mA Output Drive at 5.0V
CMOS low power consumption
Schmitt Trigger Action at All Inputs Make the Circuit
Tolerant for Slower Input Rise and Fall Time.
ESD Protection per JESD 22
o
Exceeds 200-V Machine Model (A115-A)
o
Exceeds 2000-V Human Body Model (A114-A)
o
Exceeds 1000-V Charged Device Model (C101C)
Latch-Up Exceeds 100mA per JESD 78, Class II
SOT25 and SOT353: Assembled with “Green” Molding
Compound (no Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
Applications
General Purpose Logic
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Numéro de pièce similaire - 74AHC1G32

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
74Kb / 16P
   2-input OR gate
2002 Jun 05
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Nexperia B.V. All right...
74AHC1G32 NEXPERIA-74AHC1G32 Datasheet
215Kb / 11P
   2-input OR gate
Rev. 10 - 11 January 2022
74AHC1G32-Q100 NEXPERIA-74AHC1G32-Q100 Datasheet
686Kb / 13P
   2-input OR gate
More results

Description similaire - 74AHC1G32

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com